Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RAT1010X Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RAT1010X
Description  PAT series, RAT series, high-precision chip attenuators
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RAT1010X Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RAT1010X Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PAT series, RAT series, high-precision
chip attenuators
These 3042, 1632, 1220, 1010 and 0510 size chip attenuators exhibit excellent high frequency characteristics.
The surface mount package is ideal for low noise, low inductance and parasitic capacitance applications.
Thin film metalization provides for very stable characteristics over temperature and time.
SPECIFICATIONS
Electrical
PART NUMBER
Mechanical
Equivalent circuit
susumu group catalog
W
P1
qw
P2
P
e
L
T
RAT1010X, PAT1220,
PAT1632, PAT3042(C)
W
P1
qe
we
P2
P1
L
T
PAT0510S
PAT0510S, Thin-film chip attenuator that is the smallest and
lightest in the market.
NEW Smallest in the market
PAT 1632 - C - 3dB - T(5)
RAT 1010X - 3dB - C - B
Rectangular Corner
Package T=Tape,B=Bulk,Taping Quantity Unit:5(5000), 1(1000)
Attenuation
Impedance
Impedance
Attenuation
Part Code
Dimension
(Inch Size)
PAT1220
(0805)
PAT1632
(1206)
L
W
P
P1
P2
T
2.00 0.10
1.25 0.10
0.40 0.20
0.40 0.20
0.50 0.20
0.40 0.10
PAT0510S
(0402)
1.00 0.05
0.50 0.05
0.15 0.10
0.27 0.10
0.35 0.05
RAT1010X
(0404)
PAT0816
(0603)
1.60 0.20
0.80 0.20
0.20 0.10
0.15 0.10
0.50 0.20
0.40 0.15
1.00 0.05
1.00 0.05
0.15 0.10
0.15 0.10
0.33 0.10
0.35 0.10
3.20 0.20
1.60 0.20
0.40 0.25
0.55 0.25
1.00 0.25
0.40 0.10
PAT3042S(C)
(1712)
4.20 0.20
3.00 0.20
0.80 0.20
0.95 0.20
0.80 0.15
• PAT0510 series of 0402 chip with BGA are also available.
• Please contact us for power rating of up to 10W.
RoHS compliant
( unit : mm)
Type
Attenuation
Frequency Range
PAT0510S
4 7dB 8 10dB
0 3dB
Operating Temp Range
55 C
125 C
Rated Operating Temperature
70 C
Power Rating
32mW
Attenuation tolerance
0.3dB
0.3dB
0.5dB
0.7dB
Impedance
50 (C)
50 (C)
<1.3
50 (C), 75 (D)
VSWR
DC
10GHz
PAT0816
PAT1220
0.3dB
0 10dB
100mW
63mW
50 (C)
<1.3
50 (C)
<1.3
DC
10GHz
PAT1632
0 10dB
0.5dB
0.3dB
0.5dB
16dB
125mW
DC
3GHz
PAT3042S
0 10dB 16, 20dB
250mW
<1.2(50 ), <1.3(75 )
3GHz(50 ), 2GHz(75 )
Package
10,000pcs/reel(T10)
RAT1010X
6 9dB 10dB
1 5dB
40mW
0.3dB 0.4dB 0.75dB
11 16dB
0.8dB
20dB
2.5dB
2.5GHz
3GHz
10,000pcs/reel
5,000pcs/reel(T)
100pcs/package
1,000pcs/reel(T1),
5,000pcs/reel(T5)
50pcs/package
2,000pcs/reel(T2)
4 7dB 8 10dB
0 3dB
0.3dB
0.5dB
1.0dB
Dimension, (Circuit)
<1.3( 6GHz), <1.5(6 10GHz)
<1.3


Similar Part No. - RAT1010X

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RAT30XD15FA100K TOCOS-RAT30XD15FA100K Datasheet
727Kb / 5P
   30mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RAT30XD15FA101K TOCOS-RAT30XD15FA101K Datasheet
727Kb / 5P
   30mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RAT30XD15FA102K TOCOS-RAT30XD15FA102K Datasheet
727Kb / 5P
   30mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RAT30XD15FA103K TOCOS-RAT30XD15FA103K Datasheet
727Kb / 5P
   30mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RAT30XD15FB100K TOCOS-RAT30XD15FB100K Datasheet
727Kb / 5P
   30mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
More results

Similar Description - RAT1010X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAT1220-C-4DB ETC2-PAT1220-C-4DB Datasheet
65Kb / 1P
   PAT series, RAT series, high-precision chip attenuators
PAT1220-C ETC2-PAT1220-C Datasheet
65Kb / 1P
   PAT series, RAT series, high-precision chip attenuators
logo
Rohm
RCN02 ROHM-RCN02_08 Datasheet
77Kb / 3P
   Chip Attenuators
logo
List of Unclassifed Man...
LA1 ETC2-LA1 Datasheet
72Kb / 2P
   High Power Leaded Chip Attenuators
PXV1220S ETC1-PXV1220S Datasheet
495Kb / 1P
   P-V SERIES, THERMAL SENSITIVE CHIP ATTENUATORS
logo
RHOPOINT COMPONENTS
PAT1220C3T RHOPOINT-PAT1220C3T Datasheet
279Kb / 5P
   FIXED CHIP ATTENUATORS
logo
List of Unclassifed Man...
PXV1220S-06DBN1-T ETC2-PXV1220S-06DBN1-T Datasheet
1Mb / 1P
   Temperature compensated chip attenuators
logo
API Technologies Corp
TCAFN05 APITECH-TCAFN05 Datasheet
2Mb / 4P
   Temperature Variable Chip Attenuators
TCAFN09 APITECH-TCAFN09 Datasheet
1Mb / 2P
   Temperature Variable Chip Attenuators
logo
List of Unclassifed Man...
RF0505 ETC2-RF0505 Datasheet
40Kb / 1P
   RF series, high-precision, high-frequency chip resistors.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com