Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V826516K04S Datasheet(PDF) 1 Page - Mosel Vitelic, Corp

Part # V826516K04S
Description  2.5 VOLT 16M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V826516K04S Datasheet(HTML) 1 Page - Mosel Vitelic, Corp

  V826516K04S Datasheet HTML 1Page - Mosel Vitelic, Corp V826516K04S Datasheet HTML 2Page - Mosel Vitelic, Corp V826516K04S Datasheet HTML 3Page - Mosel Vitelic, Corp V826516K04S Datasheet HTML 4Page - Mosel Vitelic, Corp V826516K04S Datasheet HTML 5Page - Mosel Vitelic, Corp V826516K04S Datasheet HTML 6Page - Mosel Vitelic, Corp V826516K04S Datasheet HTML 7Page - Mosel Vitelic, Corp V826516K04S Datasheet HTML 8Page - Mosel Vitelic, Corp V826516K04S Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MOSEL VITELIC
1
V826516K04S
2.5 VOLT 16M x 64 HIGH PERFORMANCE
UNBUFFERED DDR SDRAM MODULE
PRELIMINARY
V826516K04S Rev. 1.1 March 2002
Features
■ 184 Pin Unbuffered 16,777,216 x 64 bit
Organization DDR SDRAM Modules
■ Utilizes High Performance 16M x 8 DDR
SDRAM in TSOPII-66 Packages
■ Single +2.5V (± 0.2V) Power Supply
■ Programmable CAS Latency, Burst Length, and
Wrap Sequence (Sequential & Interleave)
■ Auto Refresh (CBR) and Self Refresh
■ All Inputs, Outputs are SSTL-2 Compatible
■ 4096 Refresh Cycles every 64 ms
■ Serial Presence Detect (SPD)
■ DDR SDRAM Performance
Description
The V826516K04S memory module is organized
16,777,216 x 64 bits in a 184 pin memory module.
The 16M x 64 memory module uses 8 Mosel-Vitelic
16M x 8 DDR SDRAM. The x64 modules are ideal
for use in high performance computer systems
where increased memory density and fast access
times are required.
Component Used
B1
B0
A1
Units
tCK Clock Frequency
(max.)
143
(PC266A)
133
(PC266B)
125
(PC200)
MHz
tAC Clock Cycle Time
CAS Latency = 2.5
77.5
8
ns


Similar Part No. - V826516K04S

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V826516B04S MOSEL-V826516B04S Datasheet
285Kb / 14P
   128 MB 200-PIN DDR UNBUFFERED SODIMM 2.5 VOLT 16M x 64
V826516G04S MOSEL-V826516G04S Datasheet
275Kb / 14P
   128 MB 200-PIN DDR UNBUFFERED SODIMM 2.5 VOLT 16M x 64
More results

Similar Description - V826516K04S

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V82658J04S MOSEL-V82658J04S Datasheet
319Kb / 13P
   2.5 VOLT 8M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V826664K24S MOSEL-V826664K24S Datasheet
243Kb / 14P
   2.5 VOLT 64M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V826632K24S MOSEL-V826632K24S Datasheet
126Kb / 14P
   2.5 VOLT 32M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V826532K04S MOSEL-V826532K04S Datasheet
268Kb / 14P
   2.5 VOLT 32M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V827316K04S MOSEL-V827316K04S Datasheet
271Kb / 13P
   2.5 VOLT 16M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
V436416S04V MOSEL-V436416S04V Datasheet
65Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V436416S04VCTG-75 MOSEL-V436416S04VCTG-75 Datasheet
278Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436516S04VATG-75 MOSEL-V436516S04VATG-75 Datasheet
179Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436516S04VATG-75PC MOSEL-V436516S04VATG-75PC Datasheet
287Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436516S04VTG-10PC MOSEL-V436516S04VTG-10PC Datasheet
62Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com