Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V62C1162048LL-85B Datasheet(PDF) 3 Page - Mosel Vitelic, Corp

Part # V62C1162048LL-85B
Description  Ultra Low Power 128K x 16 CMOS SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V62C1162048LL-85B Datasheet(HTML) 3 Page - Mosel Vitelic, Corp

  V62C1162048LL-85B Datasheet HTML 1Page - Mosel Vitelic, Corp V62C1162048LL-85B Datasheet HTML 2Page - Mosel Vitelic, Corp V62C1162048LL-85B Datasheet HTML 3Page - Mosel Vitelic, Corp V62C1162048LL-85B Datasheet HTML 4Page - Mosel Vitelic, Corp V62C1162048LL-85B Datasheet HTML 5Page - Mosel Vitelic, Corp V62C1162048LL-85B Datasheet HTML 6Page - Mosel Vitelic, Corp V62C1162048LL-85B Datasheet HTML 7Page - Mosel Vitelic, Corp V62C1162048LL-85B Datasheet HTML 8Page - Mosel Vitelic, Corp V62C1162048LL-85B Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
V62C1162048L(L)
Absolute Maximum Ratings *
* Note: Stresses greater than those listed above Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rat-
ing only and function operation of the device at these or any other conditions outside those indicated in the operational sections of this spec-
ification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Parameter
Symbol
Minimum
Maximum
Unit
Voltage on Any Pin Relative to Gnd
Vt
-0.5
+4.0
V
Power Dissipation
PT
1.0
W
Storage Temperature (Plastic)
Tstg
-55
+150
0C
Temperature Under Bias
Tbias
-40
+85
0C
Truth Table
* Key: X = Don’t Care, L = Low, H = High
CE
OE
WE
BLE
BHE I/O1-I/O8 I/O9-I/O16
Power
Mode
H
X
X
X
X
High-Z
High-Z
Standby
Standby
L
L
H
L
H
Data Out
High-Z
Active
Low Byte Read
L
L
H
H
L
High-Z
Data Out
Active
High Byte Read
L
L
H
L
L
Data Out
Data Out
Active
Word Read
L
X
L
L
L
Data In
Data In
Active
Word Write
L
X
L
L
H
Data In
High-Z
Active
Low Byte Write
L
X
L
H
L
High-Z
Data In
Active
High Byte Write
L
H
H
X
X
High-Z
High-Z
Active
Output Disable
L
X
X
H
H
High-Z
High-Z
Active
Output Disable
3
Recommended Operating Conditions (TA = 0
oC to +70oC / -40oC to 85oC**)
* VIL min = -2.0V for pulse width less than tRC/2.
** For Industrial Temperature
Parameter
Symbol
Min
Typ
Max
Unit
VCC
1.8
2.0
2.2
V
Gnd
0.0
0.0
0.0
V
VIH
1.6
-
VCC + 0.2
V
VIL
-0.5*
-
0.4
V
Supply Voltage
Input Voltage
REV. 1.2 May 2001 V62C1162048L(L)


Similar Part No. - V62C1162048LL-85B

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C1161024L MOSEL-V62C1161024L Datasheet
119Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C1161024L-100T MOSEL-V62C1161024L-100T Datasheet
119Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C1161024L-120T MOSEL-V62C1161024L-120T Datasheet
119Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C1161024L-70T MOSEL-V62C1161024L-70T Datasheet
119Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C1161024L-85T MOSEL-V62C1161024L-85T Datasheet
119Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
More results

Similar Description - V62C1162048LL-85B

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C2162048L MOSEL-V62C2162048L Datasheet
117Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
V62C3162048L MOSEL-V62C3162048L Datasheet
109Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
logo
Brilliance Semiconducto...
BS616UV2019 BSI-BS616UV2019_08 Datasheet
239Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019_06 Datasheet
172Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019 Datasheet
267Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616UV2011 BSI-BS616UV2011 Datasheet
237Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
logo
Mosel Vitelic, Corp
V62C2801024L MOSEL-V62C2801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C1801024L MOSEL-V62C1801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C3801024L MOSEL-V62C3801024L Datasheet
91Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
logo
Lyontek Inc.
LY62L12816 LYONTEK-LY62L12816 Datasheet
178Kb / 13P
   128K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com