Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL253 Datasheet(PDF) 2 Page - UNIOHM CORPORATION

Part # RL253
Description  2.5 AMP SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION

RL253 Datasheet(HTML) 2 Page - UNIOHM CORPORATION

  RL253 Datasheet HTML 1Page - UNIOHM CORPORATION RL253 Datasheet HTML 2Page - UNIOHM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.1
1.0
10
100
RATING AND CHARACTERISTIC CURVES (RL251 THRU RL257)
FIG.3 - TYPICAL REVERSE
CHARACTERISTICS
0
20
40
60
80
100 120 140
.01
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
Tj=100 C
Tj=25 C
0.5
0
1.0
1.5
2.0
2.5
3.0
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.375"(9.5mm) Lead Length
0.1
1.0
.01
10
50
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
.6
.7
.8
.9
1.0
1.1
1.2
1.3
3.0
Tj=25 C
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
70
60
50
40
30
20
10
0
.01
.05
.1
.5
1
5
10
50
100
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
30
0
60
90
120
150
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
0
20
40
60
80
100
120
140
160
180
200
FIG.1-TYPICAL FORWARD
AMBIENT TEMPERATURE,( C)
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)


Similar Part No. - RL253

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RL253 RECTRON-RL253 Datasheet
23Kb / 2P
   SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.5 Amperes)
logo
Shanghai Lunsure Electr...
RL253 CHENYI-RL253 Datasheet
48Kb / 3P
   2.5Amp silicon rectifier 50to1000 volts
logo
Nanjing International G...
RL253 DGNJDZ-RL253 Datasheet
849Kb / 2P
   2.5 AMP SILICON RECTIFIERS
logo
GOOD-ARK Electronics
RL253 GOOD-ARK-RL253 Datasheet
199Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Jinan Jingheng (Group) ...
RL253 JINANJINGHENG-RL253 Datasheet
83Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
More results

Similar Description - RL253

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
RL251 GWSEMI-RL251 Datasheet
64Kb / 2P
   2.5 AMP SILICON RECTIFIERS
logo
Nanjing International G...
RL251 DGNJDZ-RL251 Datasheet
849Kb / 2P
   2.5 AMP SILICON RECTIFIERS
logo
First Components Intern...
RL251 FCI-RL251 Datasheet
148Kb / 2P
   2.5 Amp MINIATURE PLASTIC SILICON RECTIFIERS
RL251S FCI-RL251S Datasheet
146Kb / 2P
   2.5 Amp MINIATURE PLASTIC SILICON RECTIFIERS
RL251 FCI-RL251_1 Datasheet
136Kb / 2P
   2.5 Amp MINIATURE PLASTIC SILICON RECTIFIERS DIFFUSED JUNCTION
logo
Nanjing International G...
FR2572.5A-2CDO-15 DGNJDZ-FR2572.5A-2CDO-15 Datasheet
300Kb / 2P
   2.5 AMP FAST RECOVERY RECTIFIERS
FR251 DGNJDZ-FR251 Datasheet
268Kb / 2P
   2.5 AMP FAST RECOVERY RECTIFIERS
FR256-2C2.5A-2CDO-15 DGNJDZ-FR256-2C2.5A-2CDO-15 Datasheet
300Kb / 2P
   2.5 AMP FAST RECOVERY RECTIFIERS
FR252-2C2.5A-2CDO-15 DGNJDZ-FR252-2C2.5A-2CDO-15 Datasheet
300Kb / 2P
   2.5 AMP FAST RECOVERY RECTIFIERS
FR254-2C2.5A-2CDO-15 DGNJDZ-FR254-2C2.5A-2CDO-15 Datasheet
300Kb / 2P
   2.5 AMP FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com