Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2000 Datasheet(PDF) 2 Page - UNIOHM CORPORATION

Part # R2000
Description  HIGH VOLTAGE SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION

R2000 Datasheet(HTML) 2 Page - UNIOHM CORPORATION

  R2000 Datasheet HTML 1Page - UNIOHM CORPORATION R2000 Datasheet HTML 2Page - UNIOHM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.1
1.0
10
100
RATING AND CHARACTERISTIC CURVES (R1200 THRU R2500)
FIG.2 - TYPICAL REVERSE
CHARACTERISTICS
PERCENTAGE RATED PEAK REVERSE VOLTAGE
0
20
40
60
80
100 120 140
.01
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
Tj=100 C
Tj=25 C
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
100
0
200
300
400
500
600
0
20
40
60
80
100
120
140
160
180
200
AMBIENT TEMPERATURE ( C)
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.375"(9.5mm) Lead Length
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
70
60
50
40
30
20
10
0
.01
.05
.1
.5
1
5
10
50
100
6
0
12
18
24
30
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
R12
00~
R18
00
R2000~R250
0


Similar Part No. - R2000

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
R2000 YFWDIODE-R2000 Datasheet
524Kb / 3P
   0.5/0.2Amp High Voltage Rectifier
logo
Zowie Technology Corpor...
R2000 ZOWIE-R2000 Datasheet
41Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
logo
Shanghai Lunsure Electr...
R2000 CHENYI-R2000 Datasheet
42Kb / 2P
   500Milliamp high voltage silicon rectifier 1200 to 2000 volts
logo
Microdiode Electronics ...
R2000 CHENDA-R2000 Datasheet
533Kb / 2P
   HIGH VOLTAGE RECTIFIER
logo
List of Unclassifed Man...
R2000 ETC-R2000 Datasheet
2Mb / 75P
   Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
REV 2.0 7/30/2015
More results

Similar Description - R2000

ManufacturerPart #DatasheetDescription
logo
Formosa MS
R1200 FORMOSA-R1200 Datasheet
30Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIERS
logo
Nanjing International G...
R1200 DGNJDZ-R1200 Datasheet
78Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIERS
logo
Electronic devices inc.
TV10 EDI-TV10 Datasheet
41Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIERS
CRVT EDI-CRVT Datasheet
43Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIERS
logo
Goodwork Semiconductor ...
R2500 GWSEMI-R2500 Datasheet
61Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIERS
R1200 GWSEMI-R1200 Datasheet
61Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
PR1800 SEMTECH_ELEC-PR1800 Datasheet
206Kb / 1P
   HIGH VOLTAGE SILICON RECTIFIERS
R1200 SEMTECH_ELEC-R1200 Datasheet
278Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIERS
logo
List of Unclassifed Man...
MA15-120 ETC2-MA15-120 Datasheet
87Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIERS
logo
Bytes
R1200 BYTES-R1200 Datasheet
145Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com