Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP6NC60 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STP6NC60
Description  N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/I2PAK PowerMESH?줚I MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP6NC60 Datasheet(HTML) 5 Page - STMicroelectronics

  STP6NC60 Datasheet HTML 1Page - STMicroelectronics STP6NC60 Datasheet HTML 2Page - STMicroelectronics STP6NC60 Datasheet HTML 3Page - STMicroelectronics STP6NC60 Datasheet HTML 4Page - STMicroelectronics STP6NC60 Datasheet HTML 5Page - STMicroelectronics STP6NC60 Datasheet HTML 6Page - STMicroelectronics STP6NC60 Datasheet HTML 7Page - STMicroelectronics STP6NC60 Datasheet HTML 8Page - STMicroelectronics STP6NC60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/10
STP6NC60/FP/STB6NC60-1
Normalized On Resistance vs Temperature
Gate Charge vs Gate-source Voltage
Capacitance Variations
Normalized Gate Threshold Voltage vs Temp.
Source-drain Diode Forward Characteristics


Similar Part No. - STP6NC60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP6NC80Z STMICROELECTRONICS-STP6NC80Z Datasheet
511Kb / 13P
   N-CHANNEL 800V - 1.5ohm - 5.4A TO-220/FP/D짼PAK/I짼PAK Zener-Protected PowerMESH?줚II MOSFET
STP6NC80ZFP STMICROELECTRONICS-STP6NC80ZFP Datasheet
511Kb / 13P
   N-CHANNEL 800V - 1.5ohm - 5.4A TO-220/FP/D짼PAK/I짼PAK Zener-Protected PowerMESH?줚II MOSFET
STP6NC90Z STMICROELECTRONICS-STP6NC90Z Datasheet
532Kb / 13P
   N-CHANNEL 900V - 1.55ohm - 5.4A TO-220/FP/D짼PAK/I짼PAK Zener-Protected PowerMESH?줚II MOSFET
July 2002
STP6NC90ZFP STMICROELECTRONICS-STP6NC90ZFP Datasheet
532Kb / 13P
   N-CHANNEL 900V - 1.55ohm - 5.4A TO-220/FP/D짼PAK/I짼PAK Zener-Protected PowerMESH?줚II MOSFET
July 2002
More results

Similar Description - STP6NC60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP6LNC60FP STMICROELECTRONICS-STP6LNC60FP Datasheet
324Kb / 9P
   N-CHANNEL 600V - 1ohm - 5.8A TO-220/TO-220FP PowerMesh?줚I MOSFET
STP4NC60 STMICROELECTRONICS-STP4NC60 Datasheet
356Kb / 10P
   N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh?줚I MOSFET
STP4NC60A STMICROELECTRONICS-STP4NC60A Datasheet
338Kb / 10P
   N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh?줚I MOSFET
STP8NC50 STMICROELECTRONICS-STP8NC50 Datasheet
352Kb / 10P
   N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP/I2PAK PowerMesh?줚I MOSFET
STP2HNC60 STMICROELECTRONICS-STP2HNC60 Datasheet
328Kb / 9P
   N-CHANNEL 600V - 4ohm - 2.2A TO-220/TO-220FP PowerMesh?줚I MOSFET
STP6NK60Z STMICROELECTRONICS-STP6NK60Z Datasheet
578Kb / 13P
   N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH?줡ower MOSFET
April 2003
STP8NC60 STMICROELECTRONICS-STP8NC60 Datasheet
326Kb / 9P
   N-CHANNEL 600V - 0.85ohm - 7A TO-220/TO-220FP PowerMesh?줚I MOSFET
STP2NC60 STMICROELECTRONICS-STP2NC60 Datasheet
334Kb / 9P
   N-CHANNEL 600V - 7ohm - 1.9A - TO-220/TO-220FP PowerMesh?줚I MOSFET
STP7NC40 STMICROELECTRONICS-STP7NC40 Datasheet
244Kb / 8P
   N-CHANNEL 400V - 0.75ohm - 6A TO-220 PowerMESH?줚I MOSFET
STP9NC65 STMICROELECTRONICS-STP9NC65 Datasheet
343Kb / 9P
   N-CHANNEL 650V - 0.75omp - 8A TO-220/TO-220FP PowerMesh?줚I MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com