Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB154 Datasheet(PDF) 2 Page - UNIOHM CORPORATION

Part # MB154
Description  SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION

MB154 Datasheet(HTML) 2 Page - UNIOHM CORPORATION

  MB154 Datasheet HTML 1Page - UNIOHM CORPORATION MB154 Datasheet HTML 2Page - UNIOHM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (MB1505 THRU MB1510)
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
FIG.1-TYPICAL FORWARD CURRENT
FIG.2-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
5
10
15
0
200
100
300
500
400
3.0
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
DERATING CURVE
0.1
1.0
.01
10
50
FIG.3-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0
.2
.4
.6
.8
1.0
1.2
1.4
3.0
0
25
50
75
100 125
150
175
Tj=25 C
Tj=25 C
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
0
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
20
40
60
80
100 120 140
CASE TEMPERATURE,( C)


Similar Part No. - MB154

ManufacturerPart #DatasheetDescription
logo
Bytes
MB154 BYTES-MB154 Datasheet
156Kb / 2P
   SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
MB154 GWSEMI-MB154 Datasheet
73Kb / 2P
   SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Dc Components
MB154 DCCOM-MB154 Datasheet
431Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Micro Commercial Compon...
MB154 MCC-MB154 Datasheet
189Kb / 3P
   15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Formosa MS
MB154 FORMOSA-MB154 Datasheet
41Kb / 2P
   SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
More results

Similar Description - MB154

ManufacturerPart #DatasheetDescription
logo
Formosa MS
MB1505 FORMOSA-MB1505 Datasheet
41Kb / 2P
   SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
GBU1501 ETC2-GBU1501 Datasheet
63Kb / 2P
   SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
MP1505W GWSEMI-MP1505W Datasheet
67Kb / 2P
   SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
MP1505 GWSEMI-MP1505 Datasheet
73Kb / 2P
   SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
KBPC15005 DGNJDZ-KBPC15005 Datasheet
174Kb / 2P
   SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
KBPC15005S DGNJDZ-KBPC15005S Datasheet
81Kb / 2P
   SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
MB1505W GWSEMI-MB1505W Datasheet
66Kb / 2P
   SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Formosa MS
MB1505W FORMOSA-MB1505W Datasheet
34Kb / 2P
   SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Bytes
MB1505W BYTES-MB1505W Datasheet
150Kb / 2P
   SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
MB1505 GWSEMI-MB1505 Datasheet
73Kb / 2P
   SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com