Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBJ606 Datasheet(PDF) 1 Page - UNIOHM CORPORATION

Part # KBJ606
Description  SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION

KBJ606 Datasheet(HTML) 1 Page - UNIOHM CORPORATION

  KBJ606 Datasheet HTML 1Page - UNIOHM CORPORATION KBJ606 Datasheet HTML 2Page - UNIOHM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 3.0A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
KBJ601 KBJ602 KBJ603 KBJ604 KBJ605 KBJ606 KBJ607
UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
170
5.0
5.0
3.4
500
-55
+150
-55
+150
V
A
A
V
mA
mA
KBJ601 THRU KBJ607
1.0
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
6.0 Amperes
Dimensions in inches and (millimeters)
Storage Temperature Range, TSTG
Operating Temperature Range, TJ
C
C
C/W
C/W
Typical Thermal Resistance RqJL (Note 3)
Typical Thermal Resistance RqJC (Note 2)
KBJ
.303(7.7)
.287(7.3)
.303(7.7)
.287(7.3)
.303(7.7)
.287(7.3)
.173(4.4)
.150(3.8)
.203(5.2)
.189(4.8)
.134(3.4)
.122(3.1)
.043(1.1)
.035(0.9)
.083(2.1)
.067(1.7)
.995(25.3)
.983(24.7)
.153(3.9)
.134(3.4)
.031(0.8)
.023(0.6)
SPACING
~
~
Maximum Average Forward (with heatsink Note 1)
Rectified Current at Tc=110 C (Without heatsink)
2.8
6.0
NOTES
1. Device mounted on 75mm x 75mm x 1.6mm Cu Plate Heatsink.
2. Thermal Resistance from Junction to Case with device mounted on 75mm x 75mm x 1.6mm Cu Plate Heatsink.
3. Thermal Resistance from Junction to Lead without Heatsink.
FEATURES
* Ideal for printed circuit board
* Low forward voltage
* Mounting position: Any
* Low leakage current


Similar Part No. - KBJ606

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KBJ606 ETC1-KBJ606 Datasheet
220Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 6.0 A
logo
Suntan Capacitors
KBJ606 SUNTAN-KBJ606 Datasheet
243Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
logo
RFE international
KBJ606 RFE-KBJ606 Datasheet
341Kb / 2P
   BRIDGE RECTIFIERS 3.0 to 6.0 Amps
logo
Yangzhou yangjie electr...
KBJ606 YANGJIE-KBJ606 Datasheet
152Kb / 4P
   Bridge Rectifiers
logo
Shenzhen Luguang Electr...
KBJ606 LUGUANG-KBJ606 Datasheet
142Kb / 2P
   Silicon Bridge Rectifiers
More results

Similar Description - KBJ606

ManufacturerPart #DatasheetDescription
logo
Formosa MS
BR605 FORMOSA-BR605 Datasheet
29Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
RS601 UNIOHM-RS601 Datasheet
65Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
KBU601 GWSEMI-KBU601 Datasheet
65Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
BR605 DGNJDZ-BR605 Datasheet
153Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
GBU6005 BYTESONIC-GBU6005 Datasheet
525Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Bytes
BR605 BYTES-BR605 Datasheet
145Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
RS601 BYTES-RS601 Datasheet
148Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Formosa MS
RS601 FORMOSA-RS601 Datasheet
31Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Bytes
RS601M BYTES-RS601M Datasheet
148Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
KBJ601 GWSEMI-KBJ601 Datasheet
67Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com