Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBJ802 Datasheet(PDF) 1 Page - UNIOHM CORPORATION

Part # KBJ802
Description  SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION

KBJ802 Datasheet(HTML) 1 Page - UNIOHM CORPORATION

  KBJ802 Datasheet HTML 1Page - UNIOHM CORPORATION KBJ802 Datasheet HTML 2Page - UNIOHM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward (with heatsink Note 1)
Rectified Current at Tc=110 C (Without heatsink)
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 4.0A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
KBJ801 KBJ802 KBJ803 KBJ804 KBJ805 KBJ806 KBJ807
UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
2.9
8.0
170
5.0
5.5
2.8
500
-55
+150
-55
+150
V
A
A
A
V
mA
mA
KBJ801 THRU KBJ807
1.0
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
8.0 Amperes
Storage Temperature Range, TSTG
Operating Temperature Range, TJ
C
C
C/W
C/W
Typical Thermal Resistance RqJL (Note 3)
Typical Thermal Resistance RqJC (Note 2)
NOTES
1. Device mounted on 100mm x 100mm x 1.6mm Cu Plate Heatsink.
2. Thermal Resistance from Junction to Case with device mounted on 100mm x 100mm x 1.6mm Cu Plate Heatsink.
3. Thermal Resistance from Junction to Lead without Heatsink.
Dimensions in inches and (millimeters)
KBJ
.303(7.7)
.287(7.3)
.303(7.7)
.287(7.3)
.303(7.7)
.287(7.3)
.173(4.4)
.150(3.8)
.203(5.2)
.189(4.8)
.134(3.4)
.122(3.1)
.043(1.1)
.035(0.9)
.083(2.1)
.067(1.7)
.995(25.3)
.983(24.7)
.153(3.9)
.134(3.4)
.031(0.8)
.023(0.6)
SPACING
~
~
FEATURES
* Ideal for printed circuit board
* Low forward voltage
* Mounting position: Any
* Low leakage current


Similar Part No. - KBJ802

ManufacturerPart #DatasheetDescription
logo
RFE international
KBJ802 RFE-KBJ802 Datasheet
341Kb / 2P
   BRIDGE RECTIFIERS 3.0 to 6.0 Amps
logo
Shenzhen Luguang Electr...
KBJ802 LUGUANG-KBJ802 Datasheet
142Kb / 2P
   Silicon Bridge Rectifiers
logo
Goodwork Semiconductor ...
KBJ802 GWSEMI-KBJ802 Datasheet
67Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
Chongqing Pingwei Enter...
KBJ802 CHONGQING-KBJ802 Datasheet
203Kb / 2P
   SINGLE PHASE8.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ802 CHONGQING-KBJ802 Datasheet
203Kb / 2P
   SINGLE PHASE8.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - KBJ802

ManufacturerPart #DatasheetDescription
logo
Bytes
BR805 BYTES-BR805 Datasheet
145Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
GBJ801 UNIOHM-GBJ801 Datasheet
67Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
BR805 NJSEMI-BR805 Datasheet
48Kb / 1P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
BR805-BR810 DGNJDZ-BR805-BR810 Datasheet
190Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
KBU801 DGNJDZ-KBU801 Datasheet
478Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
GBU8005 DGNJDZ-GBU8005 Datasheet
280Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
GBU801 GWSEMI-GBU801 Datasheet
64Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
KBU801 GWSEMI-KBU801 Datasheet
68Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
Bytes
RS801M BYTES-RS801M Datasheet
148Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
RS801 DGNJDZ-RS801 Datasheet
213Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
BR805 DGNJDZ-BR805 Datasheet
154Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com