Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER508 Datasheet(PDF) 1 Page - UNIOHM CORPORATION

Part # HER508
Description  5.0 AMP HIGH EFFICIENCY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION

HER508 Datasheet(HTML) 1 Page - UNIOHM CORPORATION

  HER508 Datasheet HTML 1Page - UNIOHM CORPORATION HER508 Datasheet HTML 2Page - UNIOHM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HER501 THRU HER508
5.0 AMP HIGH EFFICIENCY RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=50 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 5.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
5.0
1.0
1.3
1.85
200
10
200
50
70
75
-65
+150
V
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
Weight: 1.10 grams
*
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
5.0 Ampere
HER501 HER502 HER503 HER504 HER505 HER506 HER507 HER508
UNITS
50
100
200
300
400
600
800
1000
50
100
200
300
400
600
800
1000
35
70
140
210
280
420
560
700
V
V
* High speed switching
DO-27
Dimensions in inches and (millimeters)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.375(9.5)
.285(7.2)
.052(1.3)
.048(1.2)
DIA.
.220(5.6)
.197(5.0)
DIA.
Operating and Storage Temperature Range TJ, TSTG
A
A
V
nS
pF
C
A
A


Similar Part No. - HER508

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
HER508 DACHANG-HER508 Datasheet
139Kb / 2P
   Plastic High-Efficiency Rectifiers
logo
Mospec Semiconductor
HER508 MOSPEC-HER508 Datasheet
123Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(5.0A,600-1000V)
logo
Galaxy Semi-Conductor H...
HER508 BILIN-HER508 Datasheet
61Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Nanjing International G...
HER508 DGNJDZ-HER508 Datasheet
253Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Micro Commercial Compon...
HER508 MCC-HER508 Datasheet
536Kb / 3P
   5.0 Amp High Efficient Rectifiers 50 to 1000 Volts
More results

Similar Description - HER508

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
HER501-2C5A-2CDO-27 DGNJDZ-HER501-2C5A-2CDO-27 Datasheet
220Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
HER504-2C5A-2CDO-27 DGNJDZ-HER504-2C5A-2CDO-27 Datasheet
253Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
US5K-2C5A-2CDO-214AB DGNJDZ-US5K-2C5A-2CDO-214AB Datasheet
143Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
US5M-2C5A-2CDO-214AB DGNJDZ-US5M-2C5A-2CDO-214AB Datasheet
143Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
US5A-2C5A-2CDO-214AB DGNJDZ-US5A-2C5A-2CDO-214AB Datasheet
143Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
HER507-2C5A-2CDO-27 DGNJDZ-HER507-2C5A-2CDO-27 Datasheet
253Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
US5B-2C5A-2CDO-214AB DGNJDZ-US5B-2C5A-2CDO-214AB Datasheet
143Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
US5J-2C5A-2CDO-214AB DGNJDZ-US5J-2C5A-2CDO-214AB Datasheet
143Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Formosa MS
HER501 FORMOSA-HER501 Datasheet
34Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER506-2C5A-2CDO-27 DGNJDZ-HER506-2C5A-2CDO-27 Datasheet
253Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
HER508-2C5A-2CDO-27 DGNJDZ-HER508-2C5A-2CDO-27 Datasheet
253Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com