Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ2002 Datasheet(PDF) 2 Page - UNIOHM CORPORATION

Part # GBJ2002
Description  SINGLE PHASE 20.0 AMP BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION

GBJ2002 Datasheet(HTML) 2 Page - UNIOHM CORPORATION

  GBJ2002 Datasheet HTML 1Page - UNIOHM CORPORATION GBJ2002 Datasheet HTML 2Page - UNIOHM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (GBJ2001 THRU GBJ2007)
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
3.0
0.1
1.0
.01
10
50
FIG.3-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0
.2
.4
.6
.8
1.0
1.2
1.4
3.0
Tj=100 C
Tj=25 C
Tj=25 C
20
40
60
80
100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0
FIG.1-TYPICAL FORWARD CURRENT
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
DERATING CURVE
0
20
40
60
80
100
120
140
160
FIG.2-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
100
50
150
250
240
200
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
25
20
15
10
5
0
CASE TEMPERATURE,( C)


Similar Part No. - GBJ2002

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ2002 DIODES-GBJ2002 Datasheet
53Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
DS21220 Rev. D-2
logo
Chongqing Pingwei Enter...
GBJ2002 CHONGQING-GBJ2002 Datasheet
212Kb / 2P
   SINGLE PHASE20.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
logo
HY ELECTRONIC CORP.
GBJ2002 HY-GBJ2002 Datasheet
422Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Micro Commercial Compon...
GBJ2002 MCC-GBJ2002 Datasheet
88Kb / 2P
   20 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
DIYI Electronic Technol...
GBJ2002 DYELEC-GBJ2002 Datasheet
3Mb / 2P
   SINGLE PHASE AMP GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - GBJ2002

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
GBJ2001 GWSEMI-GBJ2001 Datasheet
67Kb / 2P
   SINGLE PHASE 20.0 AMP BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS20P01G TSC-TS20P01G Datasheet
50Kb / 2P
   Single Phase 20.0 AMPS. Glass Passivated Bridge Rectifiers
TS20P01G TSC-TS20P01G_1 Datasheet
223Kb / 2P
   Single Phase 20.0 AMPS. Glass Passivated Bridge Rectifiers
TS20P01G TSC-TS20P01G_11 Datasheet
139Kb / 2P
   Single Phase 20.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Bytes
BR305 BYTES-BR305 Datasheet
145Kb / 2P
   SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
BR805 BYTES-BR805 Datasheet
145Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
RS201 BYTES-RS201 Datasheet
144Kb / 2P
   SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Formosa MS
W005M FORMOSA-W005M Datasheet
29Kb / 2P
   SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
BR1005 FORMOSA-BR1005 Datasheet
29Kb / 2P
   SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
BR605 FORMOSA-BR605 Datasheet
29Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com