Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR1602 Datasheet(PDF) 1 Page - UNIOHM CORPORATION

Part # FR1602
Description  16.0 AMP FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION

FR1602 Datasheet(HTML) 1 Page - UNIOHM CORPORATION

  FR1602 Datasheet HTML 1Page - UNIOHM CORPORATION FR1602 Datasheet HTML 2Page - UNIOHM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
16.0 AMP FAST RECOVERY RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Tc=100 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 8.0A
Maximum DC Reverse Current
Tc=25 C
at Rated DC Blocking Voltage
Tc=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
16.0
200
10.0
200
65
-65
+150
A
A
V
nS
pF
C
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
FR1601 THRU FR1606
1.3
250
500
150
VOLTAGE RANGE
50 to 800 Volts
CURRENT
16.0 Amperes
V
FR1601
FR1602 FR1603 FR1604
FR1605
FR1606 UNITS
50
100
200
400
600
800
50
100
200
400
600
800
35
70
140
280
420
560
V
V
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guranteed
* Polarity: As Marked
* Mounting position: Any
* Weight: 2.24 grams
Operating and Storage Temperature Range TJ, TSTG
TO-220
Dimensions in inches and (millimeters)
.412
.248
.180
.050
.120
.158
.595
.550
.100
.051
.040
.108
(10.5)
(6.3)
(4.6)
(1.27)
(3.05)
(4.0)
(15.1)
(14.0)
(2.54)
(1.3)
(1.0)
(2.75)
MAX.
MAX.
MAX.
MIN.
MAX.
MAX.
3.8 +.2
HOLE THRU
f
+
PIN 1
PIN 1
PIN 3
PIN 3
PIN 2
PIN 2
CASE
CASE
Positive CT
Suffix "C"
Negative CT
Suffix "A"
A
A


Similar Part No. - FR1602

ManufacturerPart #DatasheetDescription
logo
Bytes
FR1602 BYTES-FR1602 Datasheet
160Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
logo
Formosa MS
FR1602 FORMOSA-FR1602 Datasheet
37Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
FR1602 DAESAN-FR1602 Datasheet
290Kb / 2P
   CURRENT 16.0 Amperes VOLTAGE 50 to 1000 Volts
logo
First Components Intern...
FR1602 FCI-FR1602 Datasheet
153Kb / 2P
   16 Amp PLASTIC SILICON RECTIFIERS
logo
Nanjing International G...
FR1602 DGNJDZ-FR1602 Datasheet
213Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
More results

Similar Description - FR1602

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FR1601 FORMOSA-FR1601 Datasheet
37Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
logo
Bytes
FR1601 BYTES-FR1601 Datasheet
160Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
logo
Goodwork Semiconductor ...
FR1601CT GWSEMI-FR1601CT Datasheet
71Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
FR1605-2C16A-2CTO-220AB DGNJDZ-FR1605-2C16A-2CTO-220AB Datasheet
213Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
FR1601 DGNJDZ-FR1601 Datasheet
180Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
FR1602-2C16A-2CTO-220AB DGNJDZ-FR1602-2C16A-2CTO-220AB Datasheet
213Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
FR1603-2C16A-2CTO-220AB DGNJDZ-FR1603-2C16A-2CTO-220AB Datasheet
213Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
FR1601-2C16A-2CTO-220AB DGNJDZ-FR1601-2C16A-2CTO-220AB Datasheet
213Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
FR1604-2C16A-2CTO-220AB DGNJDZ-FR1604-2C16A-2CTO-220AB Datasheet
213Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
FR1606-2C16A-2CTO-220AB DGNJDZ-FR1606-2C16A-2CTO-220AB Datasheet
213Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com