Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR34 Datasheet(PDF) 2 Page - UNIOHM CORPORATION

Part # BR34
Description  SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION

BR34 Datasheet(HTML) 2 Page - UNIOHM CORPORATION

  BR34 Datasheet HTML 1Page - UNIOHM CORPORATION BR34 Datasheet HTML 2Page - UNIOHM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (BR305 THRU BR310)
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
FIG.1-TYPICAL FORWARD CURRENT
FIG.2-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
PERCENTAGE OF PEAK REVERSE VOLTAGE, (%)
0.5
1.0
1.5
2.0
2.5
3.0
0
20
10
30
50
40
20
40
60
80
100 120 140
3.0
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
CASE TEMPERATURE ( C)
DERATING CURVE
0.1
1.0
.01
10
50
FIG.3-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0
.2
.4
.6
.8
1.0
1.2
1.4
3.0
0
25
50
75
100 125
150
175
Tj=25 C
Tj=25 C
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method


Similar Part No. - BR34

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR34 RECTRON-BR34 Datasheet
21Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
BR34 PFS-BR34 Datasheet
231Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Bytes
BR34 BYTES-BR34 Datasheet
145Kb / 2P
   SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
logo
Pan Jit International I...
BR34 PANJIT-BR34 Datasheet
104Kb / 3P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Dc Components
BR34 DCCOM-BR34 Datasheet
406Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - BR34

ManufacturerPart #DatasheetDescription
logo
Bytes
BR305 BYTES-BR305 Datasheet
145Kb / 2P
   SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
KBP301 DGNJDZ-KBP301 Datasheet
331Kb / 2P
   SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
BR305 DGNJDZ-BR305 Datasheet
189Kb / 2P
   SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
logo
Formosa MS
BR305 FORMOSA-BR305 Datasheet
29Kb / 2P
   SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
KBP3005 BYTESONIC-KBP3005 Datasheet
610Kb / 2P
   SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
BR305-BR310 DGNJDZ-BR305-BR310 Datasheet
226Kb / 2P
   SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
BR305 GWSEMI-BR305 Datasheet
62Kb / 2P
   SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
DB301GS DGNJDZ-DB301GS Datasheet
143Kb / 2P
   SINGLE PHASE 3.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
MSB301 BYTESONIC-MSB301 Datasheet
1,013Kb / 3P
   SINGLE PHASE 3.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Bytes
BR805 BYTES-BR805 Datasheet
145Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com