Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATFC-0402-2N5-FT Datasheet(PDF) 2 Page - Abracon Corporation

Part # ATFC-0402-2N5-FT
Description  THIN FILM CHIP INDUCTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ATFC-0402-2N5-FT Datasheet(HTML) 2 Page - Abracon Corporation

  ATFC-0402-2N5-FT Datasheet HTML 1Page - Abracon Corporation ATFC-0402-2N5-FT Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THIN FILM CHIP INDUCTOR
|||||||||||||||
ATFC-0402
1.0 x 0.5 x 0.32mm
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 08.24.07
Visit www.abracon.com for Terms & Conditions of Sale
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
T
Tape & Reel
ATFC - 0402 -
-
-
Please refer to the
Table above.
g
n
i
g
a
k
c
a
P
e
d
o
C
e
c
n
a
t
c
u
d
n
I
TAPE & REEL:
Dimensions: mm
OUTLINE DRAWING:
C
T
W
W
E
F
ψ D 0
P 1
P
2
P 0
d ire c tio n o f un re e lin g
A
A
B
B
T op T ap e
B o tto m T ap e
P ape r T a p e
T
178±1
10,000
60.2±0.5
13.0±0.50
12.0±0.15
9.00±0.5
ATFC-0402
ABRACON P/N
ΦA
ΦB
ΦC
W
T
Paper Tape (EA)
Inductance Tolerance
Series
CD
0.013±0.002
0.008±0.004
(0.32±0.05)
(0.2±0.10)
AB
0.039±0.002
(1.0±0.05)
0.020±0.002
(0.5±0.05)
ATFC-0402
Codes
A
B
W
E
F
ATFC-0402
0.70±0.05
1.16±0.05
8.00±0.10
1.75±0.05
3.5±0.05
Codes
P0
P1
P2
ΦD0
T
ATFC-0402
4.00±0.10
4.00±0.05
2.00±0.05
1.55±0.05
0.40±0.03
C
B
D
D
A
Dimensions: Inches
(mm)
Abracon Part
J±5%
G±2%
F±1%
S
±0.3 nH
C
±0.2 nH
B
±0.1 nH


Similar Part No. - ATFC-0402-2N5-FT

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ATFC-0402-2N0-X ABRACON-ATFC-0402-2N0-X Datasheet
1Mb / 3P
   THIN FILM CHIP INDUCTOR
12.01.08
ATFC-0402-2N1-X ABRACON-ATFC-0402-2N1-X Datasheet
1Mb / 3P
   THIN FILM CHIP INDUCTOR
12.01.08
ATFC-0402-2N2-X ABRACON-ATFC-0402-2N2-X Datasheet
1Mb / 3P
   THIN FILM CHIP INDUCTOR
12.01.08
More results

Similar Description - ATFC-0402-2N5-FT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603 Datasheet
105Kb / 2P
   Thin Film Chip Inductor
Revision: 10-Aug-06
logo
Stackpole Electronics, ...
LTF SEI-LTF Datasheet
425Kb / 6P
   Thin Film Chip Inductor
09/18/2019
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402 Datasheet
103Kb / 2P
   Thin Film Chip Inductor
Revision: 10-Aug-06
logo
ABC Taiwan Electronics ...
AL10050N2DL ABC-AL10050N2DL Datasheet
94Kb / 6P
   THIN FILM CHIP INDUCTOR
20090325-B
logo
Abracon Corporation
ATFC-0603 ABRACON-ATFC-0603 Datasheet
213Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
logo
Allied Components Inter...
TF02 ALLIED-TF02 Datasheet
430Kb / 1P
   Thin Film Chip Inductor
logo
Abracon Corporation
ATFC-0402 ABRACON-ATFC-0402_08 Datasheet
1Mb / 3P
   THIN FILM CHIP INDUCTOR
12.01.08
logo
ABC Taiwan Electronics ...
AL16081N0DL ABC-AL16081N0DL Datasheet
85Kb / 5P
   THIN FILM CHIP INDUCTOR
20080424-A
logo
Abracon Corporation
ATFC-0201 ABRACON-ATFC-0201 Datasheet
205Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
ATFC-0201 ABRACON-ATFC-0201_08 Datasheet
1Mb / 3P
   THIN FILM CHIP INDUCTOR
11.26.08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com