Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1168-Q5-T Datasheet(PDF) 3 Page - Advanced Analog Technology, Inc.

Part # AAT1168-Q5-T
Description  TRIPLE-CHANNEL TFT LCD POWER SOLUTION WITH OPERATIONAL AMPLIFIERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT1168-Q5-T Datasheet(HTML) 3 Page - Advanced Analog Technology, Inc.

  AAT1168-Q5-T Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT1168-Q5-T Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT1168-Q5-T Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT1168-Q5-T Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT1168-Q5-T Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT1168-Q5-T Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT1168-Q5-T Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT1168-Q5-T Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT1168-Q5-T Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Advanced Analog Technology, Inc.
May 2008
台灣類比科技股份有限公司
Advanced Analog Technology, Inc. –
Version 1.00
Page 3 of 22
AAT1168/1168A/1168B
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
VDD to GND
DD
V
7
V
VDD1, SW to GND (for AAT1168/AAT1168B)
H1
V
14.5
V
VDD1, SW to GND (for AAT1168A)
H1
V
25
V
VOUT3, OUT3, VGH to GND (for AAT1168/AAT1168B)
H2
V
28
V
VOUT3, OUT3, VGH to GND (for AAT1168A)
H2
V
40
V
OUT2 to GND
H3
V
14
V
Input Voltage 1 (IN1, IN2, IN3, DLY, CTL)
I1
V
DD
V
+0.3
V
Input Voltage 2
(VI1+,
VI1 , VI2+,
VI2
, VI3+,
VI3
, VI4+,
VI4
, VI5+,
VI5
)
I2
V
H1
V
+0.3
V
Output Voltage 1 (EO, REF
V
)
O1
V
DD
V
+0.3
V
Output Voltage 2 (ADJ, VO1, VO2, VO3, VO4, VO5)
O2
V
H1
V
+0.3
V
Operating Free-Air Temperature Range
C
T
–40 C to +85 C
C
Storage Temperature Range
STORAGE
T
–45 C to +125 C
C
Maximum Junction Temperature
J
T
+125
C
Package Thermal Resistance
A
J
34
C /W
Package Thermal Resistance
C
J
1.1
C /W
Power Dissipation
d
P
1,618
mW
NOTE: Stresses above those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the devices.
Exposure to ABSOLUTE MAXIMUM RATINGS conditions for extended periods may affect device reliability.


Similar Part No. - AAT1168-Q5-T

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1160 AAT-AAT1160 Datasheet
372Kb / 14P
   Step Up Current Mode PWM Converter with 41 Operational Amplifiers
logo
Advanced Analogic Techn...
AAT1160 ANALOGICTECH-AAT1160 Datasheet
662Kb / 17P
   12V, 3A Step-Down DC/DC Converter
AAT1160IRN-0.6-T1 ANALOGICTECH-AAT1160IRN-0.6-T1 Datasheet
662Kb / 17P
   12V, 3A Step-Down DC/DC Converter
AAT1161 ANALOGICTECH-AAT1161 Datasheet
1Mb / 18P
   13.2V Input, 3A Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1161 SKYWORKS-AAT1161 Datasheet
1Mb / 18P
   Soft Start Function
More results

Similar Description - AAT1168-Q5-T

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1164-Q5-T AAT-AAT1164-Q5-T Datasheet
1Mb / 24P
   TRIPLE-CHANNEL TFT LCD POWER SOLUTION
logo
Maxim Integrated Produc...
MAX8795A MAXIM-MAX8795A Datasheet
480Kb / 30P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
MAX8795A MAXIM-MAX8795A_12 Datasheet
646Kb / 31P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
MAX1518B MAXIM-MAX1518B Datasheet
1Mb / 25P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 0; 10/05
MAX1516A MAXIM-MAX1516A Datasheet
1Mb / 29P
   TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 1; 10/14
MAX1516 MAXIM-MAX1516 Datasheet
919Kb / 26P
   TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 0; 4/04
MAX8739 MAXIM-MAX8739 Datasheet
835Kb / 19P
   TFT, LCD, DC-DC Converter with Operational Amplifiers
Rev 0; 1/06
MAX8795A MAXIM-MAX8795A Datasheet
646Kb / 31P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
logo
E-CMOS Corporation
EC9219 E-CMOS-EC9219 Datasheet
381Kb / 14P
   TFT- LCD DC-DC Converters with Operational Amplifiers
logo
Global Mixed-mode Techn...
G5519 GMT-G5519 Datasheet
633Kb / 1P
   TFT-LCD DC/DC Converter with Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com