Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1102 Datasheet(PDF) 10 Page - Advanced Analog Technology, Inc.

Part # AAT1102
Description  ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT1102 Datasheet(HTML) 10 Page - Advanced Analog Technology, Inc.

Back Button AAT1102_5 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT1102_5 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT1102_5 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT1102_5 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT1102_5 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT1102_5 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT1102_5 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT1102_5 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT1102_5 Datasheet HTML 14Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Advanced Analog Technology, Inc.
台灣類比科技股份有限公司
Advanced Analog Technology, Inc.
Page 10 of 18
V5.0
AAT1102 (BIN2)
Inductor selection
s
IN
IN
peak
L
Lf
D
V
I
I
2
)
(
+
=
, where D is duty cycle
And
D
I
I
o
IN
=
1
,
o
IN
V
V
D
= 1
,
The inductor current rating must be greater than
L(peak)
I
.
Loop Compensation Design
Fig.1. Closed-current loop for boost with PCM
Fig.2. Block diagram of boost converter with
PCM
Power Stage Transfer Functions
The duty to output voltage transfer function
p
T
is:
2
2
2
0
2
)
)(
(
)
(
n
n
z
esr
p
o
p
w
s
w
s
w
s
w
s
T
d
v
s
T
+
+
+
=
=
ξ
Where
()(
)
c
L
c
O
p
r
R
D
r
V
T
+
=
1
0
,
c
esr
Cr
w
1
=
And
(
)
L
r
D
R
w
L
z
=
2
2
1
,
()
()
c
L
L
n
r
R
LC
r
R
D
w
+
+
=
2
1
(
)
(
)
()
(
) ]
1
[
2
]
1
[
2
2
L
c
L
c
L
c
L
R
D
r
r
R
LC
L
D
r
R
r
R
r
C
+
+
+
+
+
=
ξ
,
F
DS
L
R
D
Dr
r
r
)
1
(
+
+
=
L
r
is the inductor equivalent series resistance,
c
r
is capacitor ESR,
L
R
is the converter load
resistance, C is output filter capacitor,
DS
r
is the
transistor on-resistance, and
F
R
is the diode
forward resistance.
The duty to inductor current transfer function
pi
T
is:
2
2
0
2
)
(
n
n
zi
pi
l
pi
w
s
w
s
w
s
T
d
i
s
T
+
+
+
=
=
ξ
Where
(
)
()
,
2
0
c
L
c
L
O
pi
r
R
L
r
R
V
T
+
+
=
()
c
L
zi
r
R
C
w
+
=
2
/
1


Similar Part No. - AAT1102_5

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1102-M AAT-AAT1102-M Datasheet
609Kb / 18P
   ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
AAT1102-M-T AAT-AAT1102-M-T Datasheet
609Kb / 18P
   ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
More results

Similar Description - AAT1102_5

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1102 AAT-AAT1102 Datasheet
609Kb / 18P
   ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Unisonic Technologies
UC3552 UTC-UC3552_16 Datasheet
190Kb / 7P
   PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
UC3552 UTC-UC3552 Datasheet
209Kb / 7P
   PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Linear Technology
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1946A LINER-LT1946A Datasheet
312Kb / 12P
   2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT3489 LINER-LT3489 Datasheet
219Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT3489 LINER-LT3489_15 Datasheet
225Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT1946 LINER-LT1946 Datasheet
266Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1946A LINER-LT1946A_15 Datasheet
323Kb / 12P
   2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT3580 LINER-LT3580_15 Datasheet
300Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com