Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATFC-0603-10N-FT Datasheet(PDF) 1 Page - Abracon Corporation

Part # ATFC-0603-10N-FT
Description  THIN FILM CHIP INDUCTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ATFC-0603-10N-FT Datasheet(HTML) 1 Page - Abracon Corporation

  ATFC-0603-10N-FT Datasheet HTML 1Page - Abracon Corporation ATFC-0603-10N-FT Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THIN FILM CHIP INDUCTOR
|||||||||||||||
ATFC-0603
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
1.6 x 0.8 x 0.45mm
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 08.24.07
Visit www.abracon.com for Terms & Conditions of Sale
• A photo-lithographic single layer ceramic chip
• High SRF; Excellent Q
• Superior Temperature Stability
• Tight Tolerance of ±1% or ± 0.1nH
• Self Resonant Frequency Controlled within 10%
• Stable Inductance in High Frequency Circuit
• Highly Stable Design for Critical Needs
• Cellular Telephones
• Pagers and GPS Products
• Wireless LAN
• Communication Appliances
• Bluetooth Module
• VCO,TCXO Circuit and RF Transceiver Modules
PARAMETERS
ABRACON P/N:
ATFC-0603-xxx Series
Operating temperature:
-25°C to + 85°C
Storage temperature:
25±3; Humidity <80%RH
t
n
e
r
r
u
C
e
c
n
a
t
s
i
s
e
R
e
c
n
a
t
c
u
d
n
I
N
O
C
A
R
B
A
)
A
m
(
x
a
M
/
C
D
)
m
h
O
(
x
a
M
/
C
D
)
H
n
(
n
/
p
0
0
8
5
3
.
0
0
.
1
0
N
1
-
3
0
6
0
-
C
F
T
A
0
0
8
5
3
.
0
2
.
1
2
N
1
-
3
0
6
0
-
C
F
T
A
0
0
8
5
3
.
0
5
.
1
5
N
1
-
3
0
6
0
-
C
F
T
A
0
0
3
5
3
.
0
8
.
1
8
N
1
-
3
0
6
0
-
C
F
T
A
0
0
3
5
3
.
0
2
.
2
2
N
2
-
3
0
6
0
-
C
F
T
A
0
0
3
5
4
.
0
7
.
2
7
N
2
-
3
0
6
0
-
C
F
T
A
0
0
3
5
4
.
0
3
.
3
3
N
3
-
3
0
6
0
-
C
F
T
A
0
0
3
5
4
.
0
9
.
3
9
N
3
-
3
0
6
0
-
C
F
T
A
0
0
3
5
5
.
0
7
.
4
7
N
4
-
3
0
6
0
-
C
F
T
A
0
0
3
5
6
.
0
6
.
5
6
N
5
-
3
0
6
0
-
C
F
T
A
0
0
3
5
7
.
0
8
.
6
8
N
6
-
3
0
6
0
-
C
F
T
A
0
0
3
5
9
.
0
2
.
8
2
N
8
-
3
0
6
0
-
C
F
T
A
0
0
3
5
9
.
0
0
1
N
0
1
-
3
0
6
0
-
C
F
T
A
0
0
3
5
0
.
1
2
1
N
2
1
-
3
0
6
0
-
C
F
T
A
0
0
3
5
3
.
1
5
1
N
5
1
-
3
0
6
0
-
C
F
T
A
0
0
3
5
6
.
1
8
1
N
8
1
-
3
0
6
0
-
C
F
T
A
0
5
2
5
9
.
1
2
2
N
2
2
-
3
0
6
0
-
C
F
T
A
0
5
2
5
3
.
2
7
2
N
7
2
-
3
0
6
0
-
C
F
T
A
0
5
2
5
7
.
2
3
3
N
3
3
-
3
0
6
0
-
C
F
T
A
0
0
2
0
0
.
3
9
3
N
9
3
-
3
0
6
0
-
C
F
T
A
0
0
2
0
0
.
3
7
4
N
7
4
-
3
0
6
0
-
C
F
T
A
0
5
1
0
0
.
5
6
5
N
6
5
-
3
0
6
0
-
C
F
T
A
0
5
1
0
0
.
5
8
6
N
8
6
-
3
0
6
0
-
C
F
T
A
0
0
1
0
5
.
7
0
0
1
0
1
R
-
3
0
6
0
-
C
F
T
A
1.5
1.5
1
1
2
2
2
1.5
4
4
3
3
6
5
5
5
10
8
6
6
15 / 300MHz
15 / 300MHz
15 / 300MHz
15 / 300MHz
15 / 300MHz
15 / 300MHz
15 / 300MHz
15 / 300MHz
15 / 300MHz
15 / 300MHz
15 / 300MHz
15 / 300MHz
15 / 300MHz
15 / 300MHz
15 / 300MHz
15 / 300MHz
15 / 300MHz
15 / 300MHz
15 / 300MHz
15 / 300MHz
2%
15 / 300MHz
1
1%
1%
1%
1%
1%
1%
1%
1%
±0.1nH
1%
1%
1%
±0.1nH
±0.1nH
±0.1nH
±0.1nH
±0.1nH
±0.1nH
±0.1nH
±0.1nH
Self Resonant
Frequency /min (GHz)
±0.1nH
±0.1nH
±0.1nH
15 / 300MHz
15 / 300MHz
15 / 300MHz
13
13
10
Standard Tolerance
(% or nH)
Quality Factor (Q)
min


Similar Part No. - ATFC-0603-10N-FT

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ATFC-0201 ABRACON-ATFC-0201 Datasheet
205Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
ATFC-0201 ABRACON-ATFC-0201 Datasheet
1Mb / 3P
   THIN FILM CHIP INDUCTOR
11.26.08
ATFC-0201-0N1-X ABRACON-ATFC-0201-0N1-X Datasheet
1Mb / 3P
   THIN FILM CHIP INDUCTOR
11.26.08
ATFC-0201-0N2-X ABRACON-ATFC-0201-0N2-X Datasheet
1Mb / 3P
   THIN FILM CHIP INDUCTOR
11.26.08
ATFC-0201-0N3-X ABRACON-ATFC-0201-0N3-X Datasheet
1Mb / 3P
   THIN FILM CHIP INDUCTOR
11.26.08
More results

Similar Description - ATFC-0603-10N-FT

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ATFC-0402 ABRACON-ATFC-0402 Datasheet
218Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603 Datasheet
105Kb / 2P
   Thin Film Chip Inductor
Revision: 10-Aug-06
logo
Stackpole Electronics, ...
LTF SEI-LTF Datasheet
425Kb / 6P
   Thin Film Chip Inductor
09/18/2019
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402 Datasheet
103Kb / 2P
   Thin Film Chip Inductor
Revision: 10-Aug-06
logo
ABC Taiwan Electronics ...
AL10050N2DL ABC-AL10050N2DL Datasheet
94Kb / 6P
   THIN FILM CHIP INDUCTOR
20090325-B
logo
Allied Components Inter...
TF02 ALLIED-TF02 Datasheet
430Kb / 1P
   Thin Film Chip Inductor
logo
Abracon Corporation
ATFC-0402 ABRACON-ATFC-0402_08 Datasheet
1Mb / 3P
   THIN FILM CHIP INDUCTOR
12.01.08
logo
ABC Taiwan Electronics ...
AL16081N0DL ABC-AL16081N0DL Datasheet
85Kb / 5P
   THIN FILM CHIP INDUCTOR
20080424-A
logo
Abracon Corporation
ATFC-0201 ABRACON-ATFC-0201 Datasheet
205Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
ATFC-0201 ABRACON-ATFC-0201_08 Datasheet
1Mb / 3P
   THIN FILM CHIP INDUCTOR
11.26.08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com