Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALD750DHP1A Datasheet(PDF) 1 Page - Abracon Corporation

Part # ALD750DHP1A
Description  CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ALD750DHP1A Datasheet(HTML) 1 Page - Abracon Corporation

  ALD750DHP1A Datasheet HTML 1Page - Abracon Corporation ALD750DHP1A Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Frequency Range
Operating Temperature
Storage Temperature
Overall Frequency Stability
Supply Voltage (Vdd)
Linearity
Jitter (12KHz - 20MHz)
ABRACON IS
ABRACON IS
ISO 9001 / QS 9000
ISO 9001 / QS 9000
CERTIFIED
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
|||||||||||||||
ALD SERIES
STANDARD SPECIFICATIONS:
APPLICATIONS:
• SONET, xDSL
• SDH, CPE
• STB
FEATURES:
• Based on a proprietary digital multiplier
• Tri-State Output
• Low Phase Jitter
156.25MHz, 187.5MHz, and 212.5MHz applications
• 2.5V to 3.3V +/- 5% operation
• Ceramic SMD, low profile package
PARAMETERS
PECL
750 KHz to 800 MHz
0°C to + 70°C (see options)
- 40°C to + 85°C
± 50 ppm max. (see options)
2.5V to 3.3 Vdc ± 5%
5% typ, 10% max.
RMS phase jitter 3pS typ. < 5pS max.
period jitter < 35pS peak to peak
Phase Noise
Tri-State Function
-109 dBc/Hz @ 1kHz Offset from 622.08MHz
-110 dBc/Hz @ 10kHz Offset from 622.08MHz
-109 dBc/Hz @ 100kHz Offset from 622.08MHz
“1” (VIH > 0.7*VDD) or open: Oscillation/ “0” (VIH > 0.3*VDD) No Oscillation/Hi Z
5.08 x 7.0 x 1.8mm
Supply Current (IDD)
Symmetry (Duty Cycle)
Output Logic High
Output Logic Low
Clock Rise time (tr) @ 20/80%
Clock Fall time (tf) @ 80/20%
80mA (Fo < 155.52MHz), 100mA (Fo < 155.52MHz)
45% min, 50% typical, 55% max.
VDD -1.025V min, VDD -0.880V max.
VDD -1.810V min, VDD -1.620V max.
1.5ns max, 0.6nSec typical
1.5ns max, 0.6nSec typical
LVDS
Supply Current (IDD) [Fout = 212.50MHz]
Output Clock Duty Cycle @ 1.25V
Output Differential Voltage (VOD)
VDD Magnitude Change (
∆VOD)
Output High Voltage
Output Low Voltage
Offset Voltage [RL = 100
Ω]
Offset Magnitude Voltage[RL = 100
Ω]
Power-off Leakage (IOXD) [Vout=VDD or GND, VDD=0V]
Differential Clock Rise Time (tr) [RL=100
Ω, CL=10pF]
Differential Clock Fall Time (tf) [RL=100
Ω, CL=10pF]
CMOS
Output Clock Rise/ Fall Time [10%~90% VDD with 10pF load]
Output Clock Duty Cycle [Measured @ 50% VDD]
1.6ns max, 1.2ns typical
45% min, 50% typical, 55% max
60mA max, 55mA typical.
45% min, 50% typical, 55% max
247mV min, 355mV typical, 454mV max
-50mV min, 50mV max
VOH = 1.6V max, 1.4V typical
VOL = 0.9V min, 1.1V typical
VOS = 1.125V min, 1.2V typical, 1.375V max
∆VOS = 0mV min, 3mV typical, 25mV max
±10
µA max, ±1µA typical
0.2ns min, 0.5ns typical, 0.7ns max
0.2ns min, 0.5ns typical, 0.7ns max
: PRELIMINARY


Similar Part No. - ALD750DHP1A

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD7555 ALD-ALD7555 Datasheet
88Kb / 12P
   SINGLE/DUAL CMOS ANALOG RC TIMER
ALD7556 ALD-ALD7556 Datasheet
88Kb / 12P
   SINGLE/DUAL CMOS ANALOG RC TIMER
More results

Similar Description - ALD750DHP1A

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
APV ABRACON-APV Datasheet
755Kb / 2P
   CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
ABFM ABRACON-ABFM Datasheet
458Kb / 3P
   CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
07.05.07
ALD ABRACON-ALD Datasheet
312Kb / 2P
   CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
ABFM ABRACON-ABFM_08 Datasheet
469Kb / 3P
   CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
04.09.08
ASE6_SERIES ABRACON-ASE6_SERIES Datasheet
1Mb / 2P
   SMD Crystal Clock Oscillator
03.06.14
ASF1 ABRACON-ASF1_08 Datasheet
193Kb / 2P
   5.0V CERAMIC SMD LOW PROFILE CRYSTAL CLOCK OSCILLATOR
1.4.08
ASPE ABRACON-ASPE Datasheet
267Kb / 1P
   CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL
ALVD ABRACON-ALVD Datasheet
171Kb / 3P
   CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL
07.11.07
ABVFM ABRACON-ABVFM Datasheet
1Mb / 2P
   CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL
ABNM ABRACON-ABNM Datasheet
292Kb / 2P
   CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com