Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALD800DKP1A Datasheet(PDF) 2 Page - Abracon Corporation

Part # ALD800DKP1A
Description  CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ALD800DKP1A Datasheet(HTML) 2 Page - Abracon Corporation

  ALD800DKP1A Datasheet HTML 1Page - Abracon Corporation ALD800DKP1A Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions: inch (mm)
MARKING:
- TUH
(Frequency: T=First “”10” digit of frequency, U=First “unit” of frequency,
H=First “tenth” of frequency, Ex: 100 for 10.0MHz)
- ALD ZYX
(Z: Month, A to L; Y: Year, 5 for 2005; X: Traceability Code)
ABRACON IS
ABRACON IS
ISO 9001 / QS 9000
ISO 9001 / QS 9000
CERTIFIED
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
|||||||||||||||
ALD SERIES
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
PIN ASSIGNMENTS:
OPTIONS AND PART IDENTIFICATION (Left blank if standard):
OUTLINE DRAWING:
Temperature:
D for -10°C to +60°C
E for -20°C to +70°C
F for -30°C to +70°C
N for -30°C to +85°C
L for -40°C to +85°C
ALD - Frequency - Temperature - Frequency Stability - Output - Packaging
Tri-State option: A for Pin 1 = NC, Pin 2 = Tristate
Packaging option: T for Tape and Reel (1,000pcs/reel)
PIN #
NAME
DESCRIPTION
1
2
3
4
5
6
Tri-state or VC
Tri-state or NC
GND
Q
Q
VDD
Tri-state or Voltage Control
Tri-state or No Connect
Ground
PECL, LVDS, or CMOS Output
Complimentary PECL,LVDS, or NC
VDD Connection
TRI-STATE PIN OPERATION:
OUTPUT TYPE
PIN 1 LOGIC LEVEL*
OUTPUT STATE
PECL
(P)
LVDS & CMOS
(L, C)
PECL1
(P1)
0 (Default)
1
0
1(Default)
0
1(Default)
Enabled
Tri-state
Tri-state
Enabled
Tri-state
Enabled
*Connect to VDD from logic level "1", connect to ground for logic level "0".
Output options:
P = PECL
L = LVDS
C = CMOS
P1 = PECL1
Stability options:
R for ± 25 ppm
K for ± 30 ppm
H for ± 35 ppm
: PRELIMINARY
5.08 x 7.0 x 1.8mm


Similar Part No. - ALD800DKP1A

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD810016 ALD-ALD810016 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810016 ALD-ALD810016 Datasheet
550Kb / 17P
   SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAYS
ALD810016SCL ALD-ALD810016SCL Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810016SCLI ALD-ALD810016SCLI Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810016SCLI ALD-ALD810016SCLI Datasheet
83Kb / 4P
   4-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
More results

Similar Description - ALD800DKP1A

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
APV ABRACON-APV Datasheet
755Kb / 2P
   CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
ABFM ABRACON-ABFM Datasheet
458Kb / 3P
   CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
07.05.07
ALD ABRACON-ALD Datasheet
312Kb / 2P
   CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
ABFM ABRACON-ABFM_08 Datasheet
469Kb / 3P
   CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
04.09.08
ASE6_SERIES ABRACON-ASE6_SERIES Datasheet
1Mb / 2P
   SMD Crystal Clock Oscillator
03.06.14
ASF1 ABRACON-ASF1_08 Datasheet
193Kb / 2P
   5.0V CERAMIC SMD LOW PROFILE CRYSTAL CLOCK OSCILLATOR
1.4.08
ASPE ABRACON-ASPE Datasheet
267Kb / 1P
   CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL
ALVD ABRACON-ALVD Datasheet
171Kb / 3P
   CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL
07.11.07
ABVFM ABRACON-ABVFM Datasheet
1Mb / 2P
   CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL
ABNM ABRACON-ABNM Datasheet
292Kb / 2P
   CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com