Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC2164L61BCT Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC2164L61BCT
Description  ICs for use with Crystal Oscillators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2164L61BCT Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC2164L61BCT Datasheet HTML 2Page - Torex Semiconductor XC2164L61BCT Datasheet HTML 3Page - Torex Semiconductor XC2164L61BCT Datasheet HTML 4Page - Torex Semiconductor XC2164L61BCT Datasheet HTML 5Page - Torex Semiconductor XC2164L61BCT Datasheet HTML 6Page - Torex Semiconductor XC2164L61BCT Datasheet HTML 7Page - Torex Semiconductor XC2164L61BCT Datasheet HTML 8Page - Torex Semiconductor XC2164L61BCT Datasheet HTML 9Page - Torex Semiconductor XC2164L61BCT Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6/12
XC2164 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Operating Voltage
VDD
4.5
5.0
5.5
V
"H" Level Input Voltage
VIH
2.4
-
-
V
"L" Level Input Voltage
VIL
-
-
0.4
V
"H" Level Output Voltage
VOH
CMOS: 4.5V, IOH= -16mA
3.9
4.2
-
V
"L" Level Output Voltage
VOL
CMOS: 4.5V, IOH=16mA
-
0.3
0.4
V
XC2164Ax1A, f0=30MHz
-
17.0
(23)
XC2164Ax1B, f0=40MHz
-
17.0
(23)
XC2164Ax1C, f0=55MHz
-
19.0
(26)
XC2164Ax1D, f0=70MHz
-
23.0
(32)
XC2164Ax1E, f0=85MHz
-
24.0
(32)
XC2164Ax1F, f0=100MHz
-
30.0
(40)
XC2164Ax1H, f0=110MHz
-
30.0
(40)
Supply Current 1
IDD1
/INH=Open,
Q0=Open
XC2164Ax1K, f0=125MHz
-
30.0
(40)
mA
Supply Current 2
IDD2
/INH="L", Q0=Open
-
5.0
( 8 )
μA
Input Pull-Up Resistance 1
RUP1
/INH="L"
0.5
1.0
2.0
M
Ω
Input Pull-Up Resistance 2
RUP2
/INH=0.7 VDD
25
50
100
k
Ω
XC2164Ax1A
-
9.0
-
XC2164Ax1B
-
6.5
-
XC2164Ax1C
-
5.0
-
XC2164Ax1D
-
3.5
-
XC2164Ax1E
-
2.8
-
XC2164Ax1F
-
2.5
-
XC2164Ax1H
-
2.2
-
Internal Oscillation
Feedback Resistance
Rf
XC2164Ax1K
-
2.0
-
k
Ω
Output Disable
Leak Current
IOZ
/INH="L"
-
-
10
μA
5.0V Operation (Unless otherwise stated, VDD=5.0V, No Load, Ta= -30~+80
℃)
XC2164Ax1A ~ XC2164Ax1K (3rd Overtone)
■ ELECTRICAL CHARACTERISTICS (Continued)
●DC Electrical Characteristics (Continued)


Similar Part No. - XC2164L61BCT

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2164L51 TOREX-XC2164L51 Datasheet
69Kb / 8P
   ICs for use with Crystal Oscillators
More results

Similar Description - XC2164L61BCT

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2151 TOREX-XC2151 Datasheet
145Kb / 8P
   ICS FOR USE WITH CRYSTAL OSCILLATORS
XC2173 TOREX-XC2173_15 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators
XC2164 TOREX-XC2164 Datasheet
69Kb / 8P
   ICs for use with Crystal Oscillators
XC2141_001 TOREX-XC2141_001 Datasheet
347Kb / 6P
   ICs for use with Crystal Oscillators
XC2141 TOREX-XC2141_1 Datasheet
394Kb / 5P
   ICs for use with Crystal Oscillators
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2165 TOREX-XC2165_12 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163 Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2165 TOREX-XC2165_15 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com