Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCMXO2280LUTSC-4T100I Datasheet(PDF) 9 Page - Lattice Semiconductor

Part # LCMXO2280LUTSC-4T100I
Description  MachXO Family Data Sheet
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2280LUTSC-4T100I Datasheet(HTML) 9 Page - Lattice Semiconductor

Back Button LCMXO2280LUTSC-4T100I Datasheet HTML 5Page - Lattice Semiconductor LCMXO2280LUTSC-4T100I Datasheet HTML 6Page - Lattice Semiconductor LCMXO2280LUTSC-4T100I Datasheet HTML 7Page - Lattice Semiconductor LCMXO2280LUTSC-4T100I Datasheet HTML 8Page - Lattice Semiconductor LCMXO2280LUTSC-4T100I Datasheet HTML 9Page - Lattice Semiconductor LCMXO2280LUTSC-4T100I Datasheet HTML 10Page - Lattice Semiconductor LCMXO2280LUTSC-4T100I Datasheet HTML 11Page - Lattice Semiconductor LCMXO2280LUTSC-4T100I Datasheet HTML 12Page - Lattice Semiconductor LCMXO2280LUTSC-4T100I Datasheet HTML 13Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 95 page
background image
2-6
Architecture
Lattice Semiconductor
MachXO Family Data Sheet
Figure 2-6. Distributed Memory Primitives
ROM Mode: The ROM mode uses the same principal as the RAM modes, but without the Write port. Pre-loading is
accomplished through the programming interface during configuration.
PFU Modes of Operation
Slices can be combined within a PFU to form larger functions. Table 2-4 tabulates these modes and documents the
functionality possible at the PFU level.
Table 2-4. PFU Modes of Operation
Routing
There are many resources provided in the MachXO devices to route signals individually or as buses with related
control signals. The routing resources consist of switching circuitry, buffers and metal interconnect (routing) seg-
ments.
The inter-PFU connections are made with three different types of routing resources: x1 (spans two PFUs), x2
(spans three PFUs) and x6 (spans seven PFUs). The x1, x2, and x6 connections provide fast and efficient connec-
tions in the horizontal and vertical directions.
Logic
Ripple
RAM
ROM
LUT 4x8 or
MUX 2x1 x 8
2-bit Add x 4
SPR16x2 x 4
DPR16x2 x 2
ROM16x1 x 8
LUT 5x4 or
MUX 4x1 x 4
2-bit Sub x 4
SPR16x4 x 2
DPR16x4 x 1
ROM16x2 x 4
LUT 6x 2 or
MUX 8x1 x 2
2-bit Counter x 4
SPR16x8 x 1
ROM16x4 x 2
LUT 7x1 or
MUX 16x1 x 1
2-bit Comp x 4
ROM16x8 x 1
DO1
DO0
DI0
DI1
AD0
AD1
AD2
AD3
WRE
CK
DO0
AD0
AD1
AD2
AD3
DPR16x2
SPR16x2
ROM16x1
RDO1
RDO0
DI0
DI1
WCK
WRE
WDO1
WDO0
WAD0
WAD1
WAD2
WAD3
RAD0
RAD1
RAD2
RAD3


Similar Part No. - LCMXO2280LUTSC-4T100I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LCMXO2-1200 LATTICE-LCMXO2-1200 Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC LATTICE-LCMXO2-1200HC Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC-4MG132C LATTICE-LCMXO2-1200HC-4MG132C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC-4MG132CR LATTICE-LCMXO2-1200HC-4MG132CR Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC-4MG132I LATTICE-LCMXO2-1200HC-4MG132I Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
More results

Similar Description - LCMXO2280LUTSC-4T100I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LA-MACHXO LATTICE-LA-MACHXO Datasheet
875Kb / 77P
   LA-MachXO Automotive Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Lattice Semiconductor
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
   LatticeXP2 Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
logo
Microchip Technology
PIC18F66K22-I MICROCHIP-PIC18F66K22-I Datasheet
4Mb / 550P
   PIC18F87K22 Family Data Sheet
05/02/11
logo
Lattice Semiconductor
LFXP LATTICE-LFXP Datasheet
788Kb / 130P
   LatticeXP Family Data Sheet
logo
Freescale Semiconductor...
K10P144M100SF2 FREESCALE-K10P144M100SF2 Datasheet
989Kb / 66P
   K10 Sub-Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com