Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFXP230E7CFN484C Datasheet(PDF) 10 Page - Lattice Semiconductor

Part # LFXP230E7CFN484C
Description  LatticeXP2 Family Data Sheet
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFXP230E7CFN484C Datasheet(HTML) 10 Page - Lattice Semiconductor

Back Button LFXP230E7CFN484C Datasheet HTML 6Page - Lattice Semiconductor LFXP230E7CFN484C Datasheet HTML 7Page - Lattice Semiconductor LFXP230E7CFN484C Datasheet HTML 8Page - Lattice Semiconductor LFXP230E7CFN484C Datasheet HTML 9Page - Lattice Semiconductor LFXP230E7CFN484C Datasheet HTML 10Page - Lattice Semiconductor LFXP230E7CFN484C Datasheet HTML 11Page - Lattice Semiconductor LFXP230E7CFN484C Datasheet HTML 12Page - Lattice Semiconductor LFXP230E7CFN484C Datasheet HTML 13Page - Lattice Semiconductor LFXP230E7CFN484C Datasheet HTML 14Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 92 page
background image
2-7
Architecture
Lattice Semiconductor
LatticeXP2 Family Data Sheet
Figure 2-4. General Purpose PLL (GPLL) Diagram
Table 2-4 provides a description of the signals in the GPLL blocks.
Table 2-4. GPLL Block Signal Descriptions
Clock Dividers
LatticeXP2 devices have two clock dividers, one on the left side and one on the right side of the device. These are
intended to generate a slower-speed system clock from a high-speed edge clock. The block operates in a ÷2, ÷4 or
÷8 mode and maintains a known phase relationship between the divided down clock and the high-speed clock
based on the release of its reset signal. The clock dividers can be fed from the CLKOP output from the GPLLs or
from the Edge Clocks (ECLK). The clock divider outputs serve as primary clock sources and feed into the clock dis-
tribution network. The Reset (RST) control signal resets the input and forces all outputs to low. The RELEASE sig-
nal releases outputs to the input clock. For further information on clock dividers, please see TN1126, sysCLOCK
PLL Design and Usage Guide. Figure 2-5 shows the clock divider connections.
Signal
I/O
Description
CLKI
I
Clock input from external pin or routing
CLKFB
I
PLL feedback input from CLKOP (PLL internal), from clock net (CLKOP) or from a user clock
(PIN or logic)
RST
I
“1” to reset PLL counters, VCO, charge pumps and M-dividers
RSTK
I
“1” to reset K-divider
DPHASE [3:0]
I
DPA Phase Adjust input
DDDUTY [3:0]
I
DPA Duty Cycle Select input
WRDEL
I
DPA Fine Delay Adjust input
CLKOS
O
PLL output clock to clock tree (phase shifted/duty cycle changed)
CLKOP
O
PLL output clock to clock tree (no phase shift)
CLKOK
O
PLL output to clock tree through secondary clock divider
CLKOK2
O
PLL output to clock tree (CLKOP divided by 3)
LOCK
O
“1” indicates PLL LOCK to CLKI
CLKFB
Divider
RST
CLKFB
CLKI
LOCK
CLKOP
CLKOS
RSTK
DPHASE
Internal Feedback
DDUTY
WRDEL
CLKOK2
CLKOK
CLKI
Divider
PFD
VCO/
LOOP FILTER
CLKOP
Divider
Phase/
Duty Cycle/
Duty Trim
Duty Trim
CLKOK
Divider
Lock
Detect
3


Similar Part No. - LFXP230E7CFN484C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LFXP2-17E-5F484C LATTICE-LFXP2-17E-5F484C Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
LFXP2-17E-5F484I LATTICE-LFXP2-17E-5F484I Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
LFXP2-17E-5FN484C LATTICE-LFXP2-17E-5FN484C Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
LFXP2-17E-5FN484I LATTICE-LFXP2-17E-5FN484I Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
LFXP2-17E-5FT256C LATTICE-LFXP2-17E-5FT256C Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
More results

Similar Description - LFXP230E7CFN484C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LA-LATTICEXP2 LATTICE-LA-LATTICEXP2 Datasheet
1Mb / 83P
   LA-LatticeXP2 Family Data Sheet
LFXP2-8E-5QN208I LATTICE-LFXP2-8E-5QN208I Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
   MachXO Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
logo
Microchip Technology
PIC18F66K22-I MICROCHIP-PIC18F66K22-I Datasheet
4Mb / 550P
   PIC18F87K22 Family Data Sheet
05/02/11
logo
Lattice Semiconductor
LFXP LATTICE-LFXP Datasheet
788Kb / 130P
   LatticeXP Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com