Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABS13 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABS13
Description  32.768kHz SMD LOW PROFILE CRYSTAL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABS13 Datasheet(HTML) 1 Page - Abracon Corporation

  ABS13_08 Datasheet HTML 1Page - Abracon Corporation ABS13_08 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
| | | | | | | | | | | | | | |
ABS13
STANDARD SPECIFICATIONS:
6.9 x 1.4 x 1.3 mm
APPLICATIONS:
• Wide range in communication & measuring equipment
• Commercial & Industrial applications
• Automotive electronics applications
• Wireless communications
• PDA and Palm Pilots
• Plastic package with embedded heat resistant crystal in
cylinder package
• Extended temperature -40°C to +85°C for industrial applications
FEATURES:
• Low frequency
Operating Temperature
Turn-over Temperature
Storage Temperature
Frequency Tolerance
Equivalent Series Resistance
Load Capacitance CL
Motional Capacitance C1
Aging (first year) 25°C ± 3°C
PARAMETERS
Nominal Frequency
32.768 kHz
ABRACON P/N
ABS13- 32.768kHz
±20 ppm max.
-40°C to + 85°C
+25°C to ±5°C
-55°C to +125°C
65 kohms max.
- 0.034±0.006 ppm/T²
12.5 pF (see option)
Drive Level
1.0 µW max.
± 3 ppm max.
Insulation Resistance
500 Mohms with 100 Vdc ±15V
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
32.768kHz SMD LOW PROFILE CRYSTAL
Shunt Capacitance C0
1.2 pF typ.
0.0023 pF typ.
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 09.24.08
Visit www.abracon.com for Terms & Conditions of Sale
Frequency Coefficient ( )
Blank
Bulk
T
Tape and Reel
ABS13-32.768kHz- -
CL Option
7 or 9 (7pF or 9pF)
Packaging
RoHS
Compliant
Pb in High Temperature Solder
(exempt per RoHS 2002/95/EC Annex (7))


Similar Part No. - ABS13_08

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABS13-32.768KHZ-7-4-T ABRACON-ABS13-32.768KHZ-7-4-T Datasheet
1Mb / 2P
   32.768kHz SM D LOW PROFILE CRYSTAL
12.18.12
logo
SOURIAU-SUNBANK Connect...
ABS1379 SOURIAU-ABS1379 Datasheet
706Kb / 7P
   Robust Multiways Singlemode Connection
logo
Abracon Corporation
ABS13 ABRACON-ABS13_15 Datasheet
1Mb / 2P
   32.768kHz SM D LOW PROFILE CRYSTAL
12.18.12
More results

Similar Description - ABS13_08

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABS09 ABRACON-ABS09_08 Datasheet
733Kb / 2P
   32.768kHz SMD LOW PROFILE CRYSTAL
09.24.08
ABS06L ABRACON-ABS06L Datasheet
1Mb / 2P
   32.768kHz SMD LOW PROFILE CRYSTAL
09.21.14
ABS09 ABRACON-ABS09 Datasheet
245Kb / 2P
   32.768kHz SMD LOW PROFILE CRYSTAL
07.09.07
ABS25 ABRACON-ABS25 Datasheet
253Kb / 2P
   32.768kHz SMD LOW PROFILE CRYSTAL
07.11.07
ABS06-32.768KHZ-T ABRACON-ABS06-32.768KHZ-T Datasheet
892Kb / 2P
   32.768kHz SMD LOW PROFILE CRYSTAL
07.29.11
ABS13 ABRACON-ABS13 Datasheet
230Kb / 2P
   32.768kHz SMD LOW PROFILE CRYSTAL
07.11.07
ABS05 ABRACON-ABS05 Datasheet
2Mb / 2P
   32.768kHz SMD LOW PROFILE CRYSTAL
06.03.15
ABS06 ABRACON-ABS06_15 Datasheet
1Mb / 2P
   32.768kHz SMD LOW PROFILE CRYSTAL
04.09.15
ABS07 ABRACON-ABS07_13 Datasheet
1Mb / 3P
   32.768kHz SMD LOW PROFILE CRYSTAL
04.03.13
ABS07 ABRACON-ABS07 Datasheet
237Kb / 2P
   32.768kHz SMD LOW PROFILE CRYSTAL
07.09.07
ABS10 ABRACON-ABS10 Datasheet
242Kb / 2P
   32.768kHz SMD LOW PROFILE CRYSTAL
07.09.07
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com