Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFX200EC-4FN256I Datasheet(PDF) 11 Page - Lattice Semiconductor

Part # LFX200EC-4FN256I
Description  ispXPGA Family
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFX200EC-4FN256I Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button LFX200EC-4FN256I Datasheet HTML 7Page - Lattice Semiconductor LFX200EC-4FN256I Datasheet HTML 8Page - Lattice Semiconductor LFX200EC-4FN256I Datasheet HTML 9Page - Lattice Semiconductor LFX200EC-4FN256I Datasheet HTML 10Page - Lattice Semiconductor LFX200EC-4FN256I Datasheet HTML 11Page - Lattice Semiconductor LFX200EC-4FN256I Datasheet HTML 12Page - Lattice Semiconductor LFX200EC-4FN256I Datasheet HTML 13Page - Lattice Semiconductor LFX200EC-4FN256I Datasheet HTML 14Page - Lattice Semiconductor LFX200EC-4FN256I Datasheet HTML 15Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 115 page
background image
Lattice Semiconductor
ispXPGA Family Data Sheet
11
Figure 11. ispXPGA PIO
VLI Routing Resources
The ispXPGA architecture contains a Variable-Length-Interconnect (VLI) routing technology connecting the PFUs,
PICs, and EBRs in the device. There are four types of routing resources, Global Lines, Long Lines, General Inter-
connect, and Local Lines forming the global routing structure. This allows a signal to be routed to any element in
the device with the optimal delay.
The Global Lines consist of global clock lines and a global set/reset line. These lines are routed to all elements in
the device. They are specifically designed for high speed, predictable timing regardless of fan-out. The global clock
lines can also be used as dedicated inputs.
The Long Lines consist of Horizontal and Vertical Long Lines (HLL and VLL). The VLL and HLL are tri-statable lines
spanning the entire device. These lines allow fast routing for high fan-out nets and general-purpose functions.
The General Interconnect consists of Double and Deca Lines. The Double Lines connect up to three elements (two
plus the driving element), while the Deca Lines connect up to eleven elements (ten plus the driving element).
The Local Lines are extremely fast routing paths consisting of Feedback and Direct Connect Lines. The Feedback
Lines are internal routing paths from the PFU outputs to the PFU inputs. The Direct Connect Lines connect all adja-
cent elements.
The Common Interface Block (CIB) provides the link between the logic element (PFU, PIC, or EBR) and the VLI
Routing resources. The CIB is a switch matrix that can be programmed to connect virtually any routing resource to
any input or output of the logic element.
Feed-through (FT)
OUT0
Clock (CLK)
Input Clock Enable (ICEN)
Input Set/Reset (ISR)
Global Set/Reset(GSR)
Output Clock Enable (OCEN)
PIO Input (IN)
Output Set/Reset (OSR)
PIO Output Enable(OEN)
PIO Input Enable (IEN)
OUT1
Delay
OE
From sysIO Input
To sysIO
Output
Enable
To sysIO
Output
CE
DQ
SR
CLK/LE
CE
DQ
SR
CLK/LE
CE
DQ
SR
CLK/LE
From sysHSI block
From sysHSI block
To Routing
To sysHSI
block
To sysHSI
block
Only for PIOs associated with sysHSI Blocks
Only for PIOs
Associated with
sysHSI Blocks


Similar Part No. - LFX200EC-4FN256I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LFX200B-3F900C LATTICE-LFX200B-3F900C Datasheet
941Kb / 89P
   The ispXPGA architecture
LFX200B-3F900I LATTICE-LFX200B-3F900I Datasheet
941Kb / 89P
   The ispXPGA architecture
LFX200B-4F900C LATTICE-LFX200B-4F900C Datasheet
941Kb / 89P
   The ispXPGA architecture
LFX200B-4F900I LATTICE-LFX200B-4F900I Datasheet
941Kb / 89P
   The ispXPGA architecture
LFX200C-3F900C LATTICE-LFX200C-3F900C Datasheet
941Kb / 89P
   The ispXPGA architecture
More results

Similar Description - LFX200EC-4FN256I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
XPGA LATTICE-XPGA Datasheet
941Kb / 89P
   The ispXPGA architecture
logo
Freescale Semiconductor...
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
   MC9S12C Family MC9S12GC Family Reference Manual
logo
Pericom Semiconductor C...
PI7C9X2G808PR PERICOM-PI7C9X2G808PR Datasheet
752Kb / 1P
   GreenPacket Family
logo
Rohm
BR25S128GUZ-W ROHM-BR25S128GUZ-W_12 Datasheet
626Kb / 27P
   EEPROM family
logo
Zilog, Inc.
Z8018X ZILOG-Z8018X Datasheet
1Mb / 326P
   Family MPU
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
logo
Microchip Technology
PIC18F66J10-I MICROCHIP-PIC18F66J10-I Datasheet
6Mb / 410P
   PIC18F87J10 Family
03/26/09
logo
Silicon Laboratories
CP2102N SILABS-CP2102N Datasheet
637Kb / 44P
   USBXpress Family
Rev. 1.0
logo
Synaptics Incorporated.
RC224ATL CONEXANT-RC224ATL Datasheet
1Mb / 104P
   EmbeddedModem Family
logo
Freescale Semiconductor...
MC68HC11E0CFNE3 FREESCALE-MC68HC11E0CFNE3 Datasheet
1Mb / 242P
   M68HC11E Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com