Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFX200EC-4FN256I Datasheet(PDF) 8 Page - Lattice Semiconductor

Part # LFX200EC-4FN256I
Description  ispXPGA Family
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFX200EC-4FN256I Datasheet(HTML) 8 Page - Lattice Semiconductor

Back Button LFX200EC-4FN256I Datasheet HTML 4Page - Lattice Semiconductor LFX200EC-4FN256I Datasheet HTML 5Page - Lattice Semiconductor LFX200EC-4FN256I Datasheet HTML 6Page - Lattice Semiconductor LFX200EC-4FN256I Datasheet HTML 7Page - Lattice Semiconductor LFX200EC-4FN256I Datasheet HTML 8Page - Lattice Semiconductor LFX200EC-4FN256I Datasheet HTML 9Page - Lattice Semiconductor LFX200EC-4FN256I Datasheet HTML 10Page - Lattice Semiconductor LFX200EC-4FN256I Datasheet HTML 11Page - Lattice Semiconductor LFX200EC-4FN256I Datasheet HTML 12Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 115 page
background image
Lattice Semiconductor
ispXPGA Family Data Sheet
8
Figure 6. ispXPGA Wide Logic Generator
Configurable Sequential Element
There are two registers in each CSE for a total of eight registers in each PFU. This high register count assists in
implementing efficient pipelined applications with no utilization penalty. Each register can be configured as a latch
or D type flip-flop with either synchronous or asynchronous set or reset. Figure 2 shows the signals that feed the
register’s D inputs. Feed-through signals in the architecture ensure that registers are efficiently utilized even if the
accompanying LUT is occupied.
Control Logic
The control signals available to the registers in a PFU are Clock, Clock Enable, and Set/Reset. Figure 7 shows the
various options available to generate the clock signal. As can be seen, the clock signal is the output of a 12:1 MUX
with true and compliment versions available from the 12:1 MUX. Each CSE can chose whether it uses the true or
complement form of the clock. Figure 8 shows the Set/Reset selection for each PFU in the ispXPGA. A common
4B
S2
4C
S1
4D
S0
COUT
WLGW0
WLGW1
WLGX0
WLGX1
WLGY0
WLGY1
WLGZ0
WLGZ1
4A
S3
SEL0
SEL1
SEL2
WIN2
WIN3
XIN2
XIN3
YIN2
YIN3
ZIN2
ZIN3
SEL3


Similar Part No. - LFX200EC-4FN256I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LFX200B-3F900C LATTICE-LFX200B-3F900C Datasheet
941Kb / 89P
   The ispXPGA architecture
LFX200B-3F900I LATTICE-LFX200B-3F900I Datasheet
941Kb / 89P
   The ispXPGA architecture
LFX200B-4F900C LATTICE-LFX200B-4F900C Datasheet
941Kb / 89P
   The ispXPGA architecture
LFX200B-4F900I LATTICE-LFX200B-4F900I Datasheet
941Kb / 89P
   The ispXPGA architecture
LFX200C-3F900C LATTICE-LFX200C-3F900C Datasheet
941Kb / 89P
   The ispXPGA architecture
More results

Similar Description - LFX200EC-4FN256I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
XPGA LATTICE-XPGA Datasheet
941Kb / 89P
   The ispXPGA architecture
logo
Freescale Semiconductor...
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
   MC9S12C Family MC9S12GC Family Reference Manual
logo
Pericom Semiconductor C...
PI7C9X2G808PR PERICOM-PI7C9X2G808PR Datasheet
752Kb / 1P
   GreenPacket Family
logo
Rohm
BR25S128GUZ-W ROHM-BR25S128GUZ-W_12 Datasheet
626Kb / 27P
   EEPROM family
logo
Zilog, Inc.
Z8018X ZILOG-Z8018X Datasheet
1Mb / 326P
   Family MPU
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
logo
Microchip Technology
PIC18F66J10-I MICROCHIP-PIC18F66J10-I Datasheet
6Mb / 410P
   PIC18F87J10 Family
03/26/09
logo
Silicon Laboratories
CP2102N SILABS-CP2102N Datasheet
637Kb / 44P
   USBXpress Family
Rev. 1.0
logo
Synaptics Incorporated.
RC224ATL CONEXANT-RC224ATL Datasheet
1Mb / 104P
   EmbeddedModem Family
logo
Freescale Semiconductor...
MC68HC11E0CFNE3 FREESCALE-MC68HC11E0CFNE3 Datasheet
1Mb / 242P
   M68HC11E Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com