Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFXP240E5CFN484C Datasheet(PDF) 5 Page - Lattice Semiconductor

Part # LFXP240E5CFN484C
Description  LatticeXP2 Family Data Sheet
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFXP240E5CFN484C Datasheet(HTML) 5 Page - Lattice Semiconductor

  LFXP240E5CFN484C Datasheet HTML 1Page - Lattice Semiconductor LFXP240E5CFN484C Datasheet HTML 2Page - Lattice Semiconductor LFXP240E5CFN484C Datasheet HTML 3Page - Lattice Semiconductor LFXP240E5CFN484C Datasheet HTML 4Page - Lattice Semiconductor LFXP240E5CFN484C Datasheet HTML 5Page - Lattice Semiconductor LFXP240E5CFN484C Datasheet HTML 6Page - Lattice Semiconductor LFXP240E5CFN484C Datasheet HTML 7Page - Lattice Semiconductor LFXP240E5CFN484C Datasheet HTML 8Page - Lattice Semiconductor LFXP240E5CFN484C Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
2-2
Architecture
Lattice Semiconductor
LatticeXP2 Family Data Sheet
Figure 2-1. Simplified Block Diagram, LatticeXP2-17 Device (Top Level)
PFU Blocks
The core of the LatticeXP2 device is made up of logic blocks in two forms, PFUs and PFFs. PFUs can be pro-
grammed to perform logic, arithmetic, distributed RAM and distributed ROM functions. PFF blocks can be pro-
grammed to perform logic, arithmetic and ROM functions. Except where necessary, the remainder of this data
sheet will use the term PFU to refer to both PFU and PFF blocks.
Each PFU block consists of four interconnected slices, numbered Slice 0 through Slice 3, as shown in Figure 2-2.
All the interconnections to and from PFU blocks are from routing. There are 50 inputs and 23 outputs associated
with each PFU block.
On-chip
Oscillator
Programmable
Function Units
(PFUs)
SPI Port
sysCLOCK PLLs
Flexible Routing
Flash
JTAG Port
sysIO Buffers,
Pre-Engineered Source
Synchronous Support
sysMEM Block
RAM
DSP Blocks


Similar Part No. - LFXP240E5CFN484C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LFXP2-17E-5F484C LATTICE-LFXP2-17E-5F484C Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
LFXP2-17E-5F484I LATTICE-LFXP2-17E-5F484I Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
LFXP2-17E-5FN484C LATTICE-LFXP2-17E-5FN484C Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
LFXP2-17E-5FN484I LATTICE-LFXP2-17E-5FN484I Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
LFXP2-17E-5FT256C LATTICE-LFXP2-17E-5FT256C Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
More results

Similar Description - LFXP240E5CFN484C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LA-LATTICEXP2 LATTICE-LA-LATTICEXP2 Datasheet
1Mb / 83P
   LA-LatticeXP2 Family Data Sheet
LFXP2-8E-5QN208I LATTICE-LFXP2-8E-5QN208I Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
   MachXO Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
logo
Microchip Technology
PIC18F66K22-I MICROCHIP-PIC18F66K22-I Datasheet
4Mb / 550P
   PIC18F87K22 Family Data Sheet
05/02/11
logo
Lattice Semiconductor
LFXP LATTICE-LFXP Datasheet
788Kb / 130P
   LatticeXP Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com