Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL-50-30UY5C Datasheet(PDF) 2 Page - A-BRIGHT Inc

Part # AL-50-30UY5C
Description  5mm High Power LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AL-50-30UY5C Datasheet(HTML) 2 Page - A-BRIGHT Inc

  AL-50-30UY5C Datasheet HTML 1Page - A-BRIGHT Inc AL-50-30UY5C Datasheet HTML 2Page - A-BRIGHT Inc AL-50-30UY5C Datasheet HTML 3Page - A-BRIGHT Inc AL-50-30UY5C Datasheet HTML 4Page - A-BRIGHT Inc AL-50-30UY5C Datasheet HTML 5Page - A-BRIGHT Inc AL-50-30UY5C Datasheet HTML 6Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
Part No.
AL-50-30UY5C
Diff No.
5 mm
High Power
Type:LED Lamps
2
Chip
LED Parts P/N.
Material
Emitted Color
Lens Color
AL-50-30UY5C
AlGaInP
Super Yellow
Water Clear
Absolute Maximum Ratings at Ta=25℃
Parameter
Symbol
Rating
Unit
Continuous Forward Current
IF
20
mA
Operating Temperature
Topr
-30 to +80
Storage Temperature
Tstg
-40 to +100
Soldering Temperature
Tsol
260 ± 5
Electrostatic Discharge
ESD
1000
V
Power Dissipation
PD
120
mW
Peak Forward Current
Duty 1/10@1KHz)
IF(Peak)
100
mA
Reverse Voltage
VR
5
V
Electronic Optical Characteristics :
Parameter
Symbol
Min.
Typ. Max. Unit Condition
Luminous Intensity
IV
1500
mcd
IF=20mA
Viewing Angle
2θ1/2
60
deg
- - -
Peak Wavelength
λ
p
595
nm
IF=20mA
Dominant Wavelength
λ
d
590
nm
IF=20mA
Spectrum Radiation Bandwidth
△λ
30
nm
IF=20mA
Forward Voltage
VF
2.0
2.6
V
IF=20mA
Reverse Current
IR
50
µA
VR=5V


Similar Part No. - AL-50-30UY5C

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-50-30UY5C A-BRIGHT-AL-50-30UY5C Datasheet
393Kb / 6P
   5mm High Power LED Lamps
logo
Lucky Light Electronic
AL-50-30UY5C LUCKY-LIGHT-AL-50-30UY5C_15 Datasheet
393Kb / 6P
   LED Lamps
More results

Similar Description - AL-50-30UY5C

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-50-30SUB5C A-BRIGHT-AL-50-30SUB5C Datasheet
393Kb / 6P
   5mm High Power LED Lamps
2007/4/4
AL-50-30UY5C A-BRIGHT-AL-50-30UY5C Datasheet
393Kb / 6P
   5mm High Power LED Lamps
AL-50-40IRC-850 A-BRIGHT-AL-50-40IRC-850 Datasheet
351Kb / 5P
   5mm High Power LED Lamps
2008/3/20
AL-50-30SUB5C A-BRIGHT-AL-50-30SUB5C Datasheet
388Kb / 6P
   5mm High Power LED Lamps
2007/4/4
AL-50-30SUG5C A-BRIGHT-AL-50-30SUG5C Datasheet
388Kb / 6P
   5mm High Power LED Lamps
2007/4/4
AL-50-30UW5C A-BRIGHT-AL-50-30UW5C Datasheet
389Kb / 6P
   5mm High Power LED Lamps
2007/4/4
AL-50-30SUG5C A-BRIGHT-AL-50-30SUG5C Datasheet
393Kb / 6P
   5mm High Power LED Lamps
2007/4/4
AL-50-30SUR5C A-BRIGHT-AL-50-30SUR5C Datasheet
393Kb / 6P
   5mm High Power LED Lamps
2007/4/4
AL-50-30UW5C A-BRIGHT-AL-50-30UW5C Datasheet
394Kb / 6P
   5mm High Power LED Lamps
2007/4/4
AL-50-30SUR5C A-BRIGHT-AL-50-30SUR5C Datasheet
388Kb / 6P
   5mm High Power LED Lamps
2007/4/4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com