Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2895PWTR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2895PWTR
Description  BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2895PWTR Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC2895PWTR Datasheet HTML 5Page - Texas Instruments UCC2895PWTR Datasheet HTML 6Page - Texas Instruments UCC2895PWTR Datasheet HTML 7Page - Texas Instruments UCC2895PWTR Datasheet HTML 8Page - Texas Instruments UCC2895PWTR Datasheet HTML 9Page - Texas Instruments UCC2895PWTR Datasheet HTML 10Page - Texas Instruments UCC2895PWTR Datasheet HTML 11Page - Texas Instruments UCC2895PWTR Datasheet HTML 12Page - Texas Instruments UCC2895PWTR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
UCC1895
UCC2895
UCC3895
SLUS157L − DECEMBER 1999 − REVISED APRIL 2008
9
www.ti.com
DETAILED PIN DESCRIPTION
Adaptive Delay Set (ADS)
This function sets the ratio between the maximum and minimum programmed output-delay dead time. When
the ADS pin is directly connected to the CS pin, no delay modulation occurs. The maximum delay modulation
occurs when ADS is grounded. In this case, delay time is four times longer when CS = 0 than when CS = 2.0 V
(the peak-current threshold), ADS changes the output voltage on the delay pins DELAB and DELCD by the
following formula:
V
DEL + 0.75
V
CS * VADS
) 0.5 V
where VCS and VADS are in volts. ADS must be limited to between 0 V and 2.5 V and must be less than or equal
to CS. DELAB and DELCD are clamped to a minimum of 0.5 V.
Current Sense (CS)
The inverting input of the current-sense comparator and the non-inverting input of the overcurrent comparator
and the ADS amplifier. The current sense signal is used for cycle-by-cycle current limiting in peak current mode
control, and for overcurrent protection in all cases with a secondary threshold for output shutdown. An output
disable initiated by an overcurrent fault also results in a restart cycle, called soft stop, with full soft start.
Oscillator Timing Capacitor (CT)
The UCC3895’s oscillator charges CT via a programmed current. The waveform on CT is a sawtooth, with a peak
voltage of 2.35 V. The approximate oscillator period is calculated by the following formula:
t
OSC +
5
R
T
C
T
48
) 120 ns
where CT is in Farads, and RT is in Ohms and tOSC is in seconds. CT can range from 100 pF to 880 pF.
NOTE: A large CT and a small RT combination results in extended fall times on the CT waveform.
The increased fall time increases the SYNC pulse width, hence limiting the maximum phase shift
between OUTA, OUTB and OUTC, OUTD outputs, which limits the maximum duty cycle of the
converter. (Refer to Figure 1)
Delay Programming Between Complementary Outputs (DELAB, DELCD)
DELAB programs the dead time between switching of OUTA and OUTB, and DELCD programs the dead time
between OUTC and OUTD. This delay is introduced between complementary outputs in the same leg of the
external bridge. The UCC2895N allows the user to select the delay, in which the resonant switching of the external
power stages takes place. Separate delays are provided for the two half-bridges to accommodate differences in
resonant-capacitor charging currents. The delay in each stage is set according to the following formula:
t
DELAY +
(25
10*12)
R
DEL
V
DEL
) 25 ns
where VDEL (V), and RDEL is in (Ω) and tDELAY is in seconds. DELAB and DELCD can source about 1 mA
maximum. Choose the delay resistors so that this maximum is not exceeded. Programmable output delay is
defeated by tying DELAB and/or DELCD to REF. For an optimum performance keep stray capacitance on these
pins at less than 10 pF.
(1)
(2)
(3)


Similar Part No. - UCC2895PWTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2895PWTR TI-UCC2895PWTR Datasheet
291Kb / 14P
[Old version datasheet]   BiCMOS Advanced Phase Shift PWM Controller
UCC2895PWTR TI1-UCC2895PWTR Datasheet
609Kb / 28P
[Old version datasheet]   BiCMOS Advanced Phase-Shift PWM Controller
UCC2895PWTRG4 TI-UCC2895PWTRG4 Datasheet
291Kb / 14P
[Old version datasheet]   BiCMOS Advanced Phase Shift PWM Controller
UCC2895PWTRG4 TI1-UCC2895PWTRG4 Datasheet
609Kb / 28P
[Old version datasheet]   BiCMOS Advanced Phase-Shift PWM Controller
More results

Similar Description - UCC2895PWTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI-UCC2895-Q1_15 Datasheet
838Kb / 24P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC1895 TI1-UCC1895_13 Datasheet
609Kb / 28P
[Old version datasheet]   BiCMOS Advanced Phase-Shift PWM Controller
UCC1895 TI-UCC1895 Datasheet
291Kb / 14P
[Old version datasheet]   BiCMOS Advanced Phase Shift PWM Controller
UCC2818A-Q1 TI-UCC2818A-Q1_15 Datasheet
858Kb / 21P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-EP TI-UCC2895-EP_15 Datasheet
795Kb / 21P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
logo
List of Unclassifed Man...
B38C42 ETC1-B38C42 Datasheet
215Kb / 5P
   BiCMOS Current Mode PWM Controller
logo
Texas Instruments
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com