Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2895PWG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC2895PWG4
Description  BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2895PWG4 Datasheet(HTML) 3 Page - Texas Instruments

  UCC2895PWG4 Datasheet HTML 1Page - Texas Instruments UCC2895PWG4 Datasheet HTML 2Page - Texas Instruments UCC2895PWG4 Datasheet HTML 3Page - Texas Instruments UCC2895PWG4 Datasheet HTML 4Page - Texas Instruments UCC2895PWG4 Datasheet HTML 5Page - Texas Instruments UCC2895PWG4 Datasheet HTML 6Page - Texas Instruments UCC2895PWG4 Datasheet HTML 7Page - Texas Instruments UCC2895PWG4 Datasheet HTML 8Page - Texas Instruments UCC2895PWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
UCC1895
UCC2895
UCC3895
SLUS157L − DECEMBER 1999 − REVISED APRIL 2008
3
www.ti.com
ABSOLUTE MAXIMUM RATINGS
−40
°C ≤ TA ≤ 85°C, all voltage values are with respect to the network ground terminal unless otherwise noted. (2)
UCC2895N
UNIT
Supply voltage
(IDD < 10 mA)
17
V
Supply current
30
Reference current
15
mA
Output crrent
100
mA
Analog inputs
EAP, EAN, EAOUT, RAMP, SYNC, ADS, CS, SS/DISB
−0.3 V to REF+0.3 V
V
Drive outputs
OUTA, OUTB, OUTC, OUTD
−0.3 V to VCC + 0.3 V
V
Power dissipation at TA =25°C
DW−20 package
650
mW
Power dissipation at TA =25°C
N−20 package
1
W
Storage temperature range, Tstg
−65 to 150
Junction temperature range, TJ
−55 to 150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
C
(2) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated under ”recommended operating conditions” is
not implied. Exposure to Absolute Maximum Rated conditions for extended periods may affect device reliability
RECOMMENDED OPERATING CONDITIONS(3)
MIN
TYP
MAX
UNIT
Supply voltage, VDD
9
16.5
V
Supply voltage bypass capacitor, VDD(1)
10 x CREF
F
Reference bypass capacitor, CREF(2)
0.1
1.0
µF
Timing capacitor, CT (for 500 kHz switching frequency)
220
pF
Timing resistor, RT (for 500 kHz switching frequency)
82
k
Delay resistor RDEL_AB, RDEL_CD
2.5
40
k
Operating junction temperature, TJ(4)
−55
125
°C
(1) The VDD capacitor should be a low ESR, ESL ceramic capacitor located directly across the VDD and PGND pins. A larger bulk capacitor should
belocated as physically close as possible to the VDD pins.
(2) The VREF capacitor should be a low ESR, ESL ceramic capacitor located directly across the REF and GND pins. If a larger capacitor is desired
for the VREF then it should be located near the VREF cap and connected to the VREF pin with a resistor of 51 Ω or greater. The bulk capacitor on
VDD must be a factor of 10 greater than the total VREF capacitance.
(3) It is recommended that there be a single point grounded between GND and PGND directly under the device. There should be a seperate ground
plane associated with the GND pin and all components associated with pins 1 through 12 plus 19 and 20 be located over this ground plane. Any
connections associated with these pins to ground should be connected to this ground plane.
(4) It is not recommended that the device operate under conditions beyond those specified in this table for extended periods of time.


Similar Part No. - UCC2895PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2895PWG4 TI1-UCC2895PWG4 Datasheet
609Kb / 28P
[Old version datasheet]   BiCMOS Advanced Phase-Shift PWM Controller
More results

Similar Description - UCC2895PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI-UCC2895-Q1_15 Datasheet
838Kb / 24P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC1895 TI1-UCC1895_13 Datasheet
609Kb / 28P
[Old version datasheet]   BiCMOS Advanced Phase-Shift PWM Controller
UCC1895 TI-UCC1895 Datasheet
291Kb / 14P
[Old version datasheet]   BiCMOS Advanced Phase Shift PWM Controller
UCC2818A-Q1 TI-UCC2818A-Q1_15 Datasheet
858Kb / 21P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-EP TI-UCC2895-EP_15 Datasheet
795Kb / 21P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
logo
List of Unclassifed Man...
B38C42 ETC1-B38C42 Datasheet
215Kb / 5P
   BiCMOS Current Mode PWM Controller
logo
Texas Instruments
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com