Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX128CIFN20835 Datasheet(PDF) 6 Page - Lattice Semiconductor

Part # LX128CIFN20835
Description  High Performance Interfacing and Switching
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX128CIFN20835 Datasheet(HTML) 6 Page - Lattice Semiconductor

Back Button LX128CIFN20835 Datasheet HTML 2Page - Lattice Semiconductor LX128CIFN20835 Datasheet HTML 3Page - Lattice Semiconductor LX128CIFN20835 Datasheet HTML 4Page - Lattice Semiconductor LX128CIFN20835 Datasheet HTML 5Page - Lattice Semiconductor LX128CIFN20835 Datasheet HTML 6Page - Lattice Semiconductor LX128CIFN20835 Datasheet HTML 7Page - Lattice Semiconductor LX128CIFN20835 Datasheet HTML 8Page - Lattice Semiconductor LX128CIFN20835 Datasheet HTML 9Page - Lattice Semiconductor LX128CIFN20835 Datasheet HTML 10Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
6
The four data inputs to the 4:1 MUX come from the GRP. The output of this MUX connects to the output register. A
fast feedback path from the MUX to the GRP allows wider MUXes to be built. Table 2 summarizes the various MUX
sizes and delay levels.
Table 2. MUX Size Versus Internal Delay
Figure 3. ispGDX2 Family MRB
Control Array
The control array generates control signals for the 16 MRBs within a GDX Block. The true and complement forms
of 32 inputs from the GRP are available in the control array. The 20 NAND terms can use any or all of these inputs
to form the control array outputs. Two AND terms are combined with a NOR term to form Set/Reset and OE sig-
nals. Figure 4 illustrates the control array.
MUX Sizes
Levels of Internal GRP Delays
4:1
One Level
Up to 16:1
Two Levels
Up to 64:1
Three Levels
Up to 188:1 (with ispGDX2-256)
Four Levels
OE
Reg/Latch
OE
CE
CK
CK
CE
S/R
S/R
D/L
ClK
CE
Set
Reset
D/L
ClK
CE
Set
Reset
Q
Q
2
4
2
2-4
4
to IN_Reg(n-1)
to IN_Reg(n+1)
from
Out_Reg(n-1)
from
Out_Reg(n+1)
FIFO Out*
from IN_Reg(n-1)
from IN_Reg(n+1)
to Out_Reg(n-1)
to Out_Reg(n+1)
Flags*
(FIFO, SERDES
or PLL)
*Selected MRBs see Logic Signal Connection Table for details
VCC
VCC
Delay
Global Resetb
Global Resetb
From GRP
MUX Select
Control Array Signals
MUX
Select
Global
Signals
Global
Signals
GDX
Control Array
TOE
To GRP
D/L
ClK
CE
Set
Reset
Q
Out
Reg/Latch
Input
Reg/Latch


Similar Part No. - LX128CIFN20835

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LX128C LATTICE-LX128C Datasheet
654Kb / 75P
   IC SWITCH DIGITAL 208FBGA
June 2010
LX128C-32F208C LATTICE-LX128C-32F208C Datasheet
899Kb / 75P
   ispGDX2??Device Datasheet
LX128C-32F208C LATTICE-LX128C-32F208C Datasheet
654Kb / 75P
   IC SWITCH DIGITAL 208FBGA
June 2010
LX128C-32FN208C LATTICE-LX128C-32FN208C Datasheet
899Kb / 75P
   ispGDX2??Device Datasheet
LX128C-32FN208C LATTICE-LX128C-32FN208C Datasheet
654Kb / 75P
   IC SWITCH DIGITAL 208FBGA
June 2010
More results

Similar Description - LX128CIFN20835

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1318 STMICROELECTRONICS-AN1318 Datasheet
63Kb / 9P
   INTERFACING BETWEEN LVDS AND HIGH
logo
ON Semiconductor
AN1568 ONSEMI-AN1568 Datasheet
86Kb / 10P
   Interfacing Between LVDS and ECL
October, 2003 ??Rev. 8
logo
ATMEL Corporation
C51 ATMEL-C51 Datasheet
49Kb / 4P
   CAN Interfacing
logo
Fairchild Semiconductor
AN-5029 FAIRCHILD-AN-5029 Datasheet
232Kb / 6P
   Interfacing Between PECL and LVDS Differential Technologies
logo
Analog Devices
AN-291 AD-AN-291 Datasheet
313Kb / 2P
   Asynchronous clock Interfacing
logo
TAITRON Components Inco...
MMBD4148-193 TAITRON-MMBD4148-193 Datasheet
136Kb / 4P
   High Performance Switching Diode
logo
ON Semiconductor
AND8066 ONSEMI-AND8066 Datasheet
69Kb / 8P
   Interfacing with ECLinPS
May, 2002 ??Rev. 2
logo
Lowpower Semiconductor ...
LP3320 POWER-LP3320 Datasheet
384Kb / 9P
   High Performance, Constant Current Switching
logo
Toshiba Semiconductor
TLP2403 TOSHIBA-TLP2403 Datasheet
233Kb / 12P
   High-Speed Digital Interfacing for Instrumentation and Control Devices Simplex/Multiplex Data Transmission
logo
Active-Semi, Inc
ACT364 ACTIVE-SEMI-ACT364 Datasheet
114Kb / 3P
   High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com