Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2895Q Datasheet(PDF) 6 Page - Texas Instruments

Part # UCC2895Q
Description  BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2895Q Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC2895Q Datasheet HTML 2Page - Texas Instruments UCC2895Q Datasheet HTML 3Page - Texas Instruments UCC2895Q Datasheet HTML 4Page - Texas Instruments UCC2895Q Datasheet HTML 5Page - Texas Instruments UCC2895Q Datasheet HTML 6Page - Texas Instruments UCC2895Q Datasheet HTML 7Page - Texas Instruments UCC2895Q Datasheet HTML 8Page - Texas Instruments UCC2895Q Datasheet HTML 9Page - Texas Instruments UCC2895Q Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
UCC1895
UCC2895
UCC3895
SLUS157L − DECEMBER 1999 − REVISED APRIL 2008
6
www.ti.com
ELECTRICAL CHARACTERISTICS VDD = 12 V, RT = 82 kΩ, CT = 220 pF, RDELAB = 10 kΩ, RDELCD = 10 kΩ, CREF = 0.1 µF,
CVDD = 0.1 µF and no load on the outputs, TA = TJ. TA = 0°C to 70°C for UCC3895x, TA = −40°C to 85°C for UCC2895x and TA = 55°C to 125°C
for the UCC1895x. (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
PWM COMPARATOR
EAOUT to RAMP input offset voltage
RAMP = 0 V,
DELAB=DELCD=REF
0.72
0.85
1.05
V
Minimum phase shift(2)
(OUTA to OUTC, OUTB to OUTD)
RAMP = 0 V
EAOUT = 650 mV
.0%
.85%
1.4%
tDELAY
Delay(3)
(RAMP to OUTC, RAMP to OUTD)
0 V < RAMP < 2.5 V,
EAOUT = 1.2 V,
DELAB=DELCD=REF
70
120
ns
IR(bias)
RAMP bias current
RAMP < 5 V,
CT = 2.2 V
−5
5
µA
IR(sink)
RAMP sink current
RAMP = 5 V,
CT = 2.6 V
12
19
mA
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
ADS
11
I
Adaptive delay set. Sets the ratio between the maximum and minimum programmed output delay dead time.
CS
12
I
Current sense input for cycle-by-cycle current limiting and for over-current comparator.
CT
7
I
Oscillator timing capacitor for programming the switching frequency. The UCC3895’s oscillator charges CT
via a programmed current.
DELAB
9
I
Delay programming between complementary outputs. DELAB programs the dead time between switching of
output A and output B.
DELCD
10
I
Delay programming between complementary outputs. DELCD programs the dead time between switching of
output C and output D.
EAOUT
2
I/O
Error amplifier output.
EAP
20
I
Non-inverting input to the error amplifier. Keep below 3.6 volts for proper operation.
EAN
1
I
Inverting input to the error amplifier. Keep below 3.6 volts for proper operation.
GND
5
Chip ground for all circuits except the output stages.
OUTA
18
O
OUTB
17
O
The four outputs are 100-mA complementary MOS drivers, and are optimized to drive FET driver circuits
OUTC
14
O
The four outputs are 100-mA complementary MOS drivers, and are optimized to drive FET driver circuits
such as UCC27424 or gate drive transformers.
OUTD
13
O
PGND
16
Output stage ground.
RAMP
3
I
Inverting input of the PWM comparator.
REF
4
O
5 V,
±1.2%, 5 mA voltage reference. For best performance, bypass with a 0.1-µF low ESR, low ESL capacitor
to ground. Do not use more than 1.0
µF of total capacitance on this pin.
RT
8
I
Oscillator timing resistor for programming the switching frequency.
SS/DISB
19
I
Soft-start/disable. This pin combines the two independent functions.
SYNC
6
I/O
Oscillator synchronization. This pin is bidirectional.
VDD
15
I
Power supply input pin. VDD must be bypassed with a minimum of a 1.0-
µF low ESR, low ESL capacitor to
ground. The addition of a 10−
µF low ESR, low ESL between VDD and PGND is recommended.


Similar Part No. - UCC2895Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2895Q TI-UCC2895Q Datasheet
291Kb / 14P
[Old version datasheet]   BiCMOS Advanced Phase Shift PWM Controller
UCC2895Q TI1-UCC2895Q Datasheet
609Kb / 28P
[Old version datasheet]   BiCMOS Advanced Phase-Shift PWM Controller
UCC2895QDWRQ1 TI1-UCC2895QDWRQ1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895QG3 TI1-UCC2895QG3 Datasheet
609Kb / 28P
[Old version datasheet]   BiCMOS Advanced Phase-Shift PWM Controller
UCC2895QTR TI-UCC2895QTR Datasheet
291Kb / 14P
[Old version datasheet]   BiCMOS Advanced Phase Shift PWM Controller
More results

Similar Description - UCC2895Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI-UCC2895-Q1_15 Datasheet
838Kb / 24P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC1895 TI1-UCC1895_13 Datasheet
609Kb / 28P
[Old version datasheet]   BiCMOS Advanced Phase-Shift PWM Controller
UCC1895 TI-UCC1895 Datasheet
291Kb / 14P
[Old version datasheet]   BiCMOS Advanced Phase Shift PWM Controller
UCC2818A-Q1 TI-UCC2818A-Q1_15 Datasheet
858Kb / 21P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-EP TI-UCC2895-EP_15 Datasheet
795Kb / 21P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
logo
List of Unclassifed Man...
B38C42 ETC1-B38C42 Datasheet
215Kb / 5P
   BiCMOS Current Mode PWM Controller
logo
Texas Instruments
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com