Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSOP36256 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TSOP36256
Description  IR Receiver Modules for Remote Control Systems
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP36256 Datasheet(HTML) 4 Page - Vishay Siliconix

  TSOP36256 Datasheet HTML 1Page - Vishay Siliconix TSOP36256 Datasheet HTML 2Page - Vishay Siliconix TSOP36256 Datasheet HTML 3Page - Vishay Siliconix TSOP36256 Datasheet HTML 4Page - Vishay Siliconix TSOP36256 Datasheet HTML 5Page - Vishay Siliconix TSOP36256 Datasheet HTML 6Page - Vishay Siliconix TSOP36256 Datasheet HTML 7Page - Vishay Siliconix TSOP36256 Datasheet HTML 8Page - Vishay Siliconix TSOP36256 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.vishay.com
4
Document Number 82187
Rev. 1.6, 23-Oct-06
TSOP362..
Vishay Semiconductors
Figure 7. Sensitivity vs. Supply Voltage Disturbances
Figure 8. Sensitivity vs. Electric Field Disturbances
Figure 9. Max. Envelope Duty Cycle vs. Burstlength
0.0
0.5
1.0
1.5
2.0
0.1
1.0
10.0
100.0
1000.0
VsRMS - AC Voltage on DC Supply Voltage (mV)
16912
f = fo
f = 10 kHz
f = 1 kHz
f = 100 Hz
0.0
0.4
0.8
1.2
1.6
0.0
0.4
0.8
1.2
2.0
E - Field Strength of Disturbance (kV/m)
2.0
94 8147
1.6
f(E) = f0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
020
40
60
80
100
120
Burst Length (number of cycles/burst)
16914
f = 38 kHz, Ee = 2 mW/m
2
Figure 10. Sensitivity vs. Ambient Temperature
Figure 11. Relative Spectral Sensitivity vs. Wavelength
Figure 12. Directivity
0.0
0.1
0.2
0.3
0.4
0.5
0.6
- 30 - 15
0
15
30
45
60
75
90
Tamb - Ambient Temperature (°C)
16918
Sensitivity in dark ambient
0.0
0.2
0.4
0.6
0.8
1.0
1.2
750
850
950
1050
1150
λ - Wavelength (nm)
16919
16801
0.4
0.2
0
0.2
0.4
0.6
0.6
0.9
30°
10°
20°
40°
50°
60°
70°
80°
1.0
0.8
0.7
drel - Relative Transmission Distance


Similar Part No. - TSOP36256

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP36256 VISHAY-TSOP36256 Datasheet
413Kb / 13P
   IR Receiver Modules for Remote Control Systems
Rev. 1.9, 19-Jun-08
TSOP36256 VISHAY-TSOP36256 Datasheet
646Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 14-Sep-17
More results

Similar Description - TSOP36256

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 26-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com