Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9116BCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9116BCPZ
Description  Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9116BCPZ Datasheet(HTML) 5 Page - Analog Devices

  AD9116BCPZ Datasheet HTML 1Page - Analog Devices AD9116BCPZ Datasheet HTML 2Page - Analog Devices AD9116BCPZ Datasheet HTML 3Page - Analog Devices AD9116BCPZ Datasheet HTML 4Page - Analog Devices AD9116BCPZ Datasheet HTML 5Page - Analog Devices AD9116BCPZ Datasheet HTML 6Page - Analog Devices AD9116BCPZ Datasheet HTML 7Page - Analog Devices AD9116BCPZ Datasheet HTML 8Page - Analog Devices AD9116BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
AD9114/AD9115/AD9116/AD9117
Rev. 0 | Page 5 of 48
Parameter
AD9114
AD9115
AD9116
AD9117
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
REFERENCE OUTPUT
Internal Reference Voltage
0.98
1.025
1.08
0.98
1.025
1.08
0.98
1.025
1.08
0.98
1.025
1.08
V
Output Resistance
10
10
10
10
REFERENCE INPUT
Voltage Compliance
0.1
1.25
0.1
1.25
0.1
1.25
0.1
1.25
V
Input Resistance Ext Ref Mode
1
1
1
1
DAC MATCHING
Gain Matching
−1
+1
−1
+1
−1
+1
−1
+1
% of
FSR
ANALOG SUPPLY VOLTAGES
AVDD
1.7
3.5
1.7
3.5
1.7
3.5
1.7
3.5
V
CVDD
1.7
3.5
1.7
3.5
1.7
3.5
1.7
3.5
V
DIGITAL SUPPLY VOLTAGES
DVDD
1.7
3.5
1.7
3.5
1.7
3.5
1.7
3.5
V
DVDDIO
1.7
3.5
1.7
3.5
1.7
3.5
1.7
3.5
V
POWER CONSUMPTION @ 3.3 V
fDAC = 125 MSPS, IF = 12.5 MHz
220
220
220
220
mW
IAVDD
55
55
55
55
mA
IDVDDIO
10
10
10
10
mA
ICVDD
3
3
3
3
mA
Power-Down Mode with Clock
8.5
8.5
8.5
8.5
mW
Power-Down Mode No Clock
3
3
3
3
mW
Power Supply Rejection
Ratio, AVDD = 3.3 V
−0.009
−0.009
−0.009
−0.009
% FSR/V
POWER CONSUMPTION @ 1.8 V
fDAC = 125 MSPS, IF = 12.5 MHz
58
58
58
58
mW
IAVDD
24
24
24
24
mA
IDVDD
8
8
8
8
mA
ICVDD
2
2
2
2
mA
Power-Down Mode with Clock
12
12
12
12
mW
Power-Down Mode No Clock
850
850
850
850
μW
Power Supply Rejection Ratio,
AVDD = 1.8 V
−0.007
−0.007
−0.007
−0.007
% FSR/V
OPERATING RANGE
–40
+25
+85
–40
+25
+85
–40
+25
+85
–40
+25
+85
°C
1 Based on a 10 kΩ external resistor.


Similar Part No. - AD9116BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9116BCPZ AD-AD9116BCPZ Datasheet
1Mb / 52P
   Dual Low Power Digital-to-Analog Converters
AD9116BCPZRL7 AD-AD9116BCPZRL7 Datasheet
1Mb / 52P
   Dual Low Power Digital-to-Analog Converters
More results

Similar Description - AD9116BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9714 AD-AD9714 Datasheet
1Mb / 48P
   Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
REV. 0
AD9743 AD-AD9743_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9741 AD-AD9741 Datasheet
638Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. 0
AD9746 AD-AD9746_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9747 AD-AD9747_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9745 AD-AD9745_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9741 AD-AD9741_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9763 AD-AD9763_11 Datasheet
643Kb / 44P
   10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
Rev. G
logo
Murata Power Solutions ...
DAC-HF8BMC MURATA-PS-DAC-HF8BMC Datasheet
123Kb / 4P
   Ultra-Fast, 8/10/12-Bit Digital-to-Analog Converters
logo
DATEL, Inc.
DAC-HF DATEL-DAC-HF Datasheet
200Kb / 5P
   Ultra-Fast, 8/10/12-Bit Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com