Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4857-2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4857-2
Description  Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4857-2 Datasheet(HTML) 1 Page - Analog Devices

  ADA4857-2 Datasheet HTML 1Page - Analog Devices ADA4857-2 Datasheet HTML 2Page - Analog Devices ADA4857-2 Datasheet HTML 3Page - Analog Devices ADA4857-2 Datasheet HTML 4Page - Analog Devices ADA4857-2 Datasheet HTML 5Page - Analog Devices ADA4857-2 Datasheet HTML 6Page - Analog Devices ADA4857-2 Datasheet HTML 7Page - Analog Devices ADA4857-2 Datasheet HTML 8Page - Analog Devices ADA4857-2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Ultralow Distortion, Low Power,
Low Noise, High Speed Op Amp
ADA4857-1/ADA4857-2
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
High speed
850 MHz, −3 dB bandwidth (G = +1, RL = 1 kΩ, LFSCP)
750 MHz, −3 dB bandwidth (G = +1, RL = 1 kΩ, SOIC)
2800 V/μs slew rate
Low distortion: −88 dBc @ 10 MHz (G = +1, RL = 1 kΩ)
Low power: 5 mA/amplifier @ 10 V
Low noise: 4.4 nV/√Hz
Wide supply voltage range: 5 V to 10 V
Power-down feature
Available in 3 mm × 3 mm 8-lead LFCSP (single), 8-lead SOIC
(single), and 4 mm × 4 mm 16-lead LFCSP (dual)
APPLICATIONS
Instrumentation
IF and baseband amplifiers
Active filters
ADC drivers
DAC buffers
CONNECTION DIAGRAMS
NC = NO CONNECT
1
PD
2
FB
3
–IN
4
+IN
7OUT
8+VS
6NC
5–VS
ADA4857-1
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead LFCSP (CP)
FB 1
–IN 2
+IN 3
–VS 4
PD
8
+VS
7
OUT
6
NC
5
NC = NO CONNECT
ADA4857-1
TOP VIEW
(Not to Scale)
Figure 2. 8-Lead SOIC (R)
1
–IN1
2
+IN1
3
NC
4
–VS2
11 NC
12 –VS1
10 +IN2
9–IN2
ADA4857-2
TOP VIEW
(Not to Scale)
NC = NO CONNECT
Figure 3. 16-Lead LFCSP (CP)
GENERAL DESCRIPTION
The ADA4857 is a unity gain stable, high speed, voltage feedback
amplifier with low distortion, low noise, and high slew rate. With a
spurious-free dynamic range (SFDR) of −88 dBc @ 10 MHz,
the ADA4857 is an ideal solution in a variety of applications
including ultrasounds, ATE, active filters, and ADC drivers.
The Analog Devices, Inc., proprietary next-generation XFCB
process and innovative architecture enables such high performance
amplifiers.
The ADA4857 has 850 MHz bandwidth, 2800 V/μs slew rate, and
settles to 0.1% in 15 ns. With a wide supply voltage range (5 V to
10 V), the ADA4857 is an ideal candidate for systems that require
high dynamic range, precision, and speed.
The ADA4857-1 amplifier is available in a 3 mm × 3 mm, 8-lead
LFCSP and a standard 8-lead SOIC. The ADA4857-2 is available in
a 4 mm × 4 mm, 16-lead LFSCP. The LFCSP features an exposed
paddle that provides a low thermal resistance path to the PCB. This
path enables more efficient heat transfer and increases reliability.
The ADA4857 works over the extended industrial temperature
range (−40°C to +125°C).


Similar Part No. - ADA4857-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4857-2 AD-ADA4857-2 Datasheet
552Kb / 21P
   Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
ADA4857-2YCP-EBZ AD-ADA4857-2YCP-EBZ Datasheet
552Kb / 21P
   Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
ADA4857-2YCPZ-R2 AD-ADA4857-2YCPZ-R2 Datasheet
552Kb / 21P
   Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
ADA4857-2YCPZ-R7 AD-ADA4857-2YCPZ-R7 Datasheet
552Kb / 21P
   Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
ADA4857-2YCPZ-RL AD-ADA4857-2YCPZ-RL Datasheet
552Kb / 21P
   Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
More results

Similar Description - ADA4857-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4857-1 AD-ADA4857-1_17 Datasheet
552Kb / 21P
   Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
logo
Linear Technology
LT1115 LINER-LT1115_15 Datasheet
252Kb / 16P
   Ultralow Noise, Low Distortion, Audio Op Amp
logo
Linear Integrated Syste...
LT1115 LINEAR-LT1115_1 Datasheet
246Kb / 16P
   Ultralow Noise, Low Distortion, Audio Op Amp
logo
Analog Devices
AD797 AD-AD797 Datasheet
406Kb / 16P
   Ultralow Distortion, Ultralow Noise Op Amp
REV. C
AD797 AD-AD797_08 Datasheet
520Kb / 20P
   Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
AD8597 AD-AD8597 Datasheet
113Kb / 3P
   Single, Ultralow Distortion, Ultralow Noise Op Amp
Rev. PrA
AD8599 AD-AD8599 Datasheet
449Kb / 16P
   Dual Ultralow Distortion, Ultralow Noise Op Amp
REV. 0
AD8099 AD-AD8099_13 Datasheet
811Kb / 29P
   Ultralow Distortion, High Speed 0.95 nV/?뺿z Voltage Noise Op Amp
REV. D
AD8099 AD-AD8099 Datasheet
1Mb / 28P
   Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
REV. B
AD745JR AD-AD745JR Datasheet
343Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com