Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFX1200B-4FH516I Datasheet(PDF) 3 Page - Lattice Semiconductor

Part # LFX1200B-4FH516I
Description  ispXPGA Family
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFX1200B-4FH516I Datasheet(HTML) 3 Page - Lattice Semiconductor

  LFX1200B-4FH516I Datasheet HTML 1Page - Lattice Semiconductor LFX1200B-4FH516I Datasheet HTML 2Page - Lattice Semiconductor LFX1200B-4FH516I Datasheet HTML 3Page - Lattice Semiconductor LFX1200B-4FH516I Datasheet HTML 4Page - Lattice Semiconductor LFX1200B-4FH516I Datasheet HTML 5Page - Lattice Semiconductor LFX1200B-4FH516I Datasheet HTML 6Page - Lattice Semiconductor LFX1200B-4FH516I Datasheet HTML 7Page - Lattice Semiconductor LFX1200B-4FH516I Datasheet HTML 8Page - Lattice Semiconductor LFX1200B-4FH516I Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 115 page
background image
Lattice Semiconductor
ispXPGA Family Data Sheet
3
Architecture Overview
The ispXPGA architecture is a symmetrical architecture consisting of an array of Programmable Function Units
(PFUs) enclosed by Input Output Groups (PICs) with columns of sysMEM Embedded Block RAMs (EBRs) distrib-
uted throughout the array. Figure 1 illustrates the ispXPGA architecture. Each PIC has two corresponding sysIO
blocks, each of which includes one input and output buffer. On two sides of the device, between the PICs and the
sysIO blocks, there are sysHSI High-Speed Interface blocks. The symmetrical architecture allows designers to eas-
ily implement their designs, since any logic function can be placed in any section of the device.
The PFUs contain the basic building blocks to create logic, memory, arithmetic, and register functions. They are
optimized for speed and flexibility allowing complex designs to be implemented quickly and efficiently.
The PICs interface the PFUs and EBRs to the external pins of the device. They allow the signals to be registered
quickly to minimize setup times for high-speed designs. They also allow connections directly to the different logic
elements for fast access to combinatorial functions.
The sysMEM EBRs are large, fast memory elements that can be configured as RAM, ROM, FIFO, and other stor-
age types. They are designed to facilitate both single and dual-port memory for high-speed applications.
These three components of the architecture are interconnected via a high-speed, flexible routing array. The routing
array consists of Variable Length Interconnect (VLI) lines between the PICs, PFUs, and EBRs. There is additional
routing available to the PFU for feedback and direct routing of signals to adjacent PFUs or PICs.
The sysIO blocks consist of configurable input and output buffers connected directly to the PICs. These buffers can
be configured to interface with 16 different I/O standards. This allows the ispXPGA to interface with other devices
without the need for external transceivers.
The sysHSI blocks provide the necessary components to allow the ispXPGA device to transfer data at up to
800Mbps using the LVDS standard. These components include serializing, de-serializing, and clock data recovery
(CDR) logic.
The sysCLOCK blocks provide clock multiplication/division, clock distribution, delay compensation, and increased
performance through the use of PLL circuitry that manipulates the global clocks. There is one sysCLOCK block for
each global clock tree in the device.


Similar Part No. - LFX1200B-4FH516I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LFX1200B-4F900C LATTICE-LFX1200B-4F900C Datasheet
941Kb / 89P
   The ispXPGA architecture
LFX1200B-4F900I LATTICE-LFX1200B-4F900I Datasheet
941Kb / 89P
   The ispXPGA architecture
More results

Similar Description - LFX1200B-4FH516I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
XPGA LATTICE-XPGA Datasheet
941Kb / 89P
   The ispXPGA architecture
logo
Freescale Semiconductor...
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
   MC9S12C Family MC9S12GC Family Reference Manual
logo
Pericom Semiconductor C...
PI7C9X2G808PR PERICOM-PI7C9X2G808PR Datasheet
752Kb / 1P
   GreenPacket Family
logo
Rohm
BR25S128GUZ-W ROHM-BR25S128GUZ-W_12 Datasheet
626Kb / 27P
   EEPROM family
logo
Zilog, Inc.
Z8018X ZILOG-Z8018X Datasheet
1Mb / 326P
   Family MPU
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
logo
Microchip Technology
PIC18F66J10-I MICROCHIP-PIC18F66J10-I Datasheet
6Mb / 410P
   PIC18F87J10 Family
03/26/09
logo
Silicon Laboratories
CP2102N SILABS-CP2102N Datasheet
637Kb / 44P
   USBXpress Family
Rev. 1.0
logo
Synaptics Incorporated.
RC224ATL CONEXANT-RC224ATL Datasheet
1Mb / 104P
   EmbeddedModem Family
logo
Freescale Semiconductor...
MC68HC11E0CFNE3 FREESCALE-MC68HC11E0CFNE3 Datasheet
1Mb / 242P
   M68HC11E Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com