Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZVG88W Datasheet(PDF) 4 Page - SunLED Corporation

Part # ZVG88W
Description  3.2x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZVG88W Datasheet(HTML) 4 Page - SunLED Corporation

  ZVG88W Datasheet HTML 1Page - SunLED Corporation ZVG88W Datasheet HTML 2Page - SunLED Corporation ZVG88W Datasheet HTML 3Page - SunLED Corporation ZVG88W Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Published Date : FEB 26, 2008
Drawing No : SDSA4493
V4
Checked : B.L.LIU
P.4/4
Part Number:
ZVG88W
3.2x1.0mm RIGHT ANGLE SMD CHIP LED
LAMP
www.SunLED.com
PACKING & LABEL SPECIFICATIONS
ZVG88W
R.
CHEN
數位簽署者:R.CHEN
DN:cn=R.CHEN,
o=SPEC專用,
ou=SPEC專用,
email=fangdh@cn.
kingbright.com, c=<無>
日期︰2008.02.27
13:47:56 +08'00'


Similar Part No. - ZVG88W

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZVG85WA SUNLED-ZVG85WA Datasheet
187Kb / 4P
   3x 2.4mm SMD CHIP LED LAMP
ZVG87W SUNLED-ZVG87W Datasheet
189Kb / 4P
   1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
More results

Similar Description - ZVG88W

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZMDK88W SUNLED-ZMDK88W Datasheet
190Kb / 4P
   3.2x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
ZMD88W SUNLED-ZMD88W Datasheet
191Kb / 4P
   3.2x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
ZUR88W SUNLED-ZUR88W Datasheet
191Kb / 4P
   3.2x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
ZUY88W SUNLED-ZUY88W Datasheet
192Kb / 4P
   3.2x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
ZM2CR88W SUNLED-ZM2CR88W Datasheet
192Kb / 4P
   3.2x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
ZM2CY88W SUNLED-ZM2CY88W Datasheet
194Kb / 4P
   3.2x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
ZMG88W SUNLED-ZMG88W Datasheet
194Kb / 4P
   3.2x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
Kingbright Corporation
APFA3210PBAVGASURKC KINGBRIGHT-APFA3210PBAVGASURKC Datasheet
224Kb / 7P
   3.2x1.0mm RIGHT ANGLE FULL COLOR SMD CHIP LED LAMP
APBA3210SYKCGKC-F01 KINGBRIGHT-APBA3210SYKCGKC-F01 Datasheet
337Kb / 6P
   3.2x1.0mm RIGHT ANGLE BI-COLOR SMD CHIP LED LAMP
logo
SunLED Corporation
ZMDKVG88W SUNLED-ZMDKVG88W Datasheet
220Kb / 5P
   3.2x1.0mm RIGHT ANGLE BI-COLOR SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com