Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD3NM60 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STD3NM60
Description  N-CHANNEL 600V - 1.3ohm - 3A TO-220/DPAK/IPAK Zener-Protected MDmesh?줡ower MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD3NM60 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STD3NM60 Datasheet HTML 4Page - STMicroelectronics STD3NM60 Datasheet HTML 5Page - STMicroelectronics STD3NM60 Datasheet HTML 6Page - STMicroelectronics STD3NM60 Datasheet HTML 7Page - STMicroelectronics STD3NM60 Datasheet HTML 8Page - STMicroelectronics STD3NM60 Datasheet HTML 9Page - STMicroelectronics STD3NM60 Datasheet HTML 10Page - STMicroelectronics STD3NM60 Datasheet HTML 11Page - STMicroelectronics STD3NM60 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
STP4NM60 / STD3NM60 / STD3NM60-1
8/12
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
D1
1.27
0.050
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.067
F2
1.14
1.70
0.044
0.067
G
4.95
5.15
0.194
0.203
G1
2.4
2.7
0.094
0.106
H2
10.0
10.40
0.393
0.409
L2
16.4
0.645
L4
13.0
14.0
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.2
6.6
0.244
0.260
L9
3.5
3.93
0.137
0.154
DIA.
3.75
3.85
0.147
0.151
L6
L7
L2
Dia.
L5
L4
L9
TO-220 MECHANICAL DATA
P011C


Similar Part No. - STD3NM60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD3NM60 STMICROELECTRONICS-STD3NM60 Datasheet
711Kb / 17P
   N-channel 600 V, 1.3 廓, 3 A TO-220, DPAK, IPAK Zener-protected MDmesh??Power MOSFET
STD3NM60 STMICROELECTRONICS-STD3NM60 Datasheet
723Kb / 17P
   N-channel 600 V, 1.3 ?? 3 A TO-220, DPAK, IPAK Zener-protected MDmesh??Power MOSFET
September 2009 Rev 4
STD3NM60-1 STMICROELECTRONICS-STD3NM60-1 Datasheet
711Kb / 17P
   N-channel 600 V, 1.3 廓, 3 A TO-220, DPAK, IPAK Zener-protected MDmesh??Power MOSFET
STD3NM60-1 STMICROELECTRONICS-STD3NM60-1 Datasheet
723Kb / 17P
   N-channel 600 V, 1.3 ?? 3 A TO-220, DPAK, IPAK Zener-protected MDmesh??Power MOSFET
September 2009 Rev 4
STD3NM60N STMICROELECTRONICS-STD3NM60N Datasheet
909Kb / 15P
   N-channel 600 V, 1.6 廓, 3.3 A, MDmesh??II Power MOSFET in DPAK package
More results

Similar Description - STD3NM60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD3NM50 STMICROELECTRONICS-STD3NM50 Datasheet
471Kb / 10P
   N-CHANNEL 500V - 2.5ohm - 3A DPAK/IPAK Zener-Protected MDmesh?줡ower MOSFET
STD2NM60 STMICROELECTRONICS-STD2NM60 Datasheet
474Kb / 10P
   N-CHANNEL 600V - 2.8ohm - 2A DPAK/IPAK Zener-Protected MDmesh?줡ower MOSFET
STP5NK40Z STMICROELECTRONICS-STP5NK40Z Datasheet
601Kb / 13P
   N-CHANNEL 400V - 1.47ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH?줡ower MOSFET
STP3NK90Z STMICROELECTRONICS-STP3NK90Z Datasheet
613Kb / 13P
   N-CHANNEL 900V - 4.1ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH?줡ower MOSFET
STP4NK50Z STMICROELECTRONICS-STP4NK50Z Datasheet
664Kb / 13P
   N-CHANNEL 500V - 2.4ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH?줡ower MOSFET
STP3NK60Z STMICROELECTRONICS-STP3NK60Z Datasheet
755Kb / 15P
   N-CHANNEL 600V - 3.3ohm - 2.4A TO-220/FP/D2PAK/DPAK/IPAK Zener-Protected SuperMESH?줡ower MOSFET
STP7NK40Z STMICROELECTRONICS-STP7NK40Z Datasheet
605Kb / 13P
   N-CHANNEL 400V-0.85ohm-5.4A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH?줡ower MOSFET
STP5NK60Z STMICROELECTRONICS-STP5NK60Z_02 Datasheet
585Kb / 12P
   N-CHANNEL 600V - 1.2W - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH?줡ower MOSFET
STD3NM60T4 STMICROELECTRONICS-STD3NM60T4 Datasheet
723Kb / 17P
   N-channel 600 V, 1.3 ?? 3 A TO-220, DPAK, IPAK Zener-protected MDmesh??Power MOSFET
September 2009 Rev 4
STD5NM50 STMICROELECTRONICS-STD5NM50 Datasheet
463Kb / 10P
   N-CHANNEL 500V - 0.7ohm - 7.5A DPAK/IPAK MDmesh?줡ower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com