Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VND5E050JTR-E Datasheet(PDF) 7 Page - STMicroelectronics

Part # VND5E050JTR-E
Description  Double channel high side driver for automotive applications
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5E050JTR-E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VND5E050JTR-E Datasheet HTML 3Page - STMicroelectronics VND5E050JTR-E Datasheet HTML 4Page - STMicroelectronics VND5E050JTR-E Datasheet HTML 5Page - STMicroelectronics VND5E050JTR-E Datasheet HTML 6Page - STMicroelectronics VND5E050JTR-E Datasheet HTML 7Page - STMicroelectronics VND5E050JTR-E Datasheet HTML 8Page - STMicroelectronics VND5E050JTR-E Datasheet HTML 9Page - STMicroelectronics VND5E050JTR-E Datasheet HTML 10Page - STMicroelectronics VND5E050JTR-E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
VND5E050J-E / VND5E050K-E
Electrical specifications
7/40
2
Electrical specifications
Figure 3.
Current and voltage conventions
Note:
VFn = VOUTn - VCC during reverse battery condition.
2.1
Absolute maximum ratings
Stressing the device above the rating listed in the “Absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to the conditions in table below for extended
periods may affect device reliability. Refer also to the STMicroelectronics SURE Program
and other relevant quality document.
IGND
VCC
GND
OUTPUTn
STAT_DIS
ISD
INPUTn
IINn
VSD
VINn
IOUTn
VOUTn
STATUSn
ISTATn
VSTATn
VCC
IS
VFn
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
DC supply voltage
41
V
- VCC
Reverse DC supply voltage
0.3
V
- IGND
DC reverse ground pin current
200
mA
IOUT
DC output current
Internally limited
A
- IOUT
Reverse DC output current
15
A
IIN
DC input current
+10 / -1
mA
ISTAT
DC status current
+10 / -1
mA
ISTAT_DIS DC status disable current
+10 / -1
mA
EMAX
Maximum switching energy
(L=3 mH; RL=0Ω; Vbat=13.5V; Tjstart=150ºC; IOUT = IlimL(Typ.))
104
mJ


Similar Part No. - VND5E050JTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E050JTR-E STMICROELECTRONICS-VND5E050JTR-E Datasheet
720Kb / 40P
   Double channel high side driver for automotive applications
More results

Similar Description - VND5E050JTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E050J-E STMICROELECTRONICS-VND5E050J-E_09 Datasheet
720Kb / 40P
   Double channel high side driver for automotive applications
VND5160J-E STMICROELECTRONICS-VND5160J-E Datasheet
529Kb / 31P
   Double channel high side driver for automotive applications
VND5050J-E STMICROELECTRONICS-VND5050J-E_07 Datasheet
851Kb / 37P
   Double channel high side driver for automotive applications
VND5E160J-E STMICROELECTRONICS-VND5E160J-E Datasheet
747Kb / 34P
   Double channel high side driver for automotive applications
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
   Double channel high side driver with analog current sense for automotive applications
VND5E012MY-E STMICROELECTRONICS-VND5E012MY-E Datasheet
876Kb / 36P
   Double channel high-side driver with analog current sense for automotive applications
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
   Double channel high-side driver with analog current sense for automotive applications
VND5E050ACJ-E STMICROELECTRONICS-VND5E050ACJ-E Datasheet
569Kb / 43P
   Double channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND7140AJ STMICROELECTRONICS-VND7140AJ Datasheet
2Mb / 47P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
VND5E025LK-E STMICROELECTRONICS-VND5E025LK-E Datasheet
812Kb / 37P
   Double channel high side driver with analog current sense for automotive applications
September 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com