Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA2037A Datasheet(PDF) 4 Page - STMicroelectronics

Part # TEA2037A
Description  HORIZONTAL AND VERTICAL DEFLECTION MONITOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2037A Datasheet(HTML) 4 Page - STMicroelectronics

  TEA2037A Datasheet HTML 1Page - STMicroelectronics TEA2037A Datasheet HTML 2Page - STMicroelectronics TEA2037A Datasheet HTML 3Page - STMicroelectronics TEA2037A Datasheet HTML 4Page - STMicroelectronics TEA2037A Datasheet HTML 5Page - STMicroelectronics TEA2037A Datasheet HTML 6Page - STMicroelectronics TEA2037A Datasheet HTML 7Page - STMicroelectronics TEA2037A Datasheet HTML 8Page - STMicroelectronics TEA2037A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TEA2037A
4/14
Table 8. Phase Detector
Table 9. Frame Oscillator (Pin 1)
Table 10. Frame Power Supply (Pin 7)
Table 11. Flyback Generator Supply (Pin 2)
Symbol
Parameter
Min.
Typ.
Max.
Unit
I10
Output Current During Synchro Pulse
250
450
800
µA
RI10
Current Ratio (positive/negative)
0.95
1
1.05
LI10
Leakage Current
–2
+2
µA
CV10
Control Range Voltage
2.60
7.10
V
Symbol
Parameter
Min.
Typ.
Max.
Unit
LT1
Low Threshold Voltage
1.6
2.0
2.3
V
HT1
High Threshold Voltage
2.6
3.1
3.6
V
BI1
Bias Current
30
nA
DR1
Discharge Impedance
300
470
700
k
FFP1
Free Running Line Period
(R = 845k
Ω Tied to VCC1, C = 180nF Tied to Ground)
20.5
23
25
ms
MFP
Minimum Frame Period (I15 = -100µA) (with the Same RC)
12.8
ms
FFP2
Free Running Line Period (R = 408k
Ω, C = 220nF)
14.3
ms
FPR
Frame Period Ratio =
1.7
1.8
1.9
FG
Frame Saw-tooth Gain Between Pin 1 and non Inverting Input of the
Frame Amplifier
–0.4
Vertical Frequency Drift with Temperature (see application Figure 11)
4.10–3
Hz/°C
Symbol
Parameter
Min.
Typ.
Max.
Unit
V7
Operating Voltage (with flyback generator)
10
58
V
I7
Supply Current (V7 = 30V)
22
mA
Symbol
Parameter
Min.
Typ.
Max.
Unit
V2
Operating Voltage
10
30
V
F
0
-------


Similar Part No. - TEA2037A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA2037A STMICROELECTRONICS-TEA2037A Datasheet
94Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION MONITOR
September 1996
More results

Similar Description - TEA2037A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA2037A STMICROELECTRONICS-TEA2037A Datasheet
94Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION MONITOR
September 1996
TEA2017 STMICROELECTRONICS-TEA2017 Datasheet
402Kb / 12P
   HORIZONTAL AND VERTICAL DEFLECTION MONITOR
TEA2117 STMICROELECTRONICS-TEA2117 Datasheet
465Kb / 8P
   Horizontal and vertical deflection monitor
logo
NTE Electronics
NTE1888 NTE-NTE1888 Datasheet
33Kb / 4P
   Integrated Circuit Horizontal and Vertical Deflection Monitor
logo
STMicroelectronics
TDA8218 STMICROELECTRONICS-TDA8218 Datasheet
120Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
September 1993
TDA8214B STMICROELECTRONICS-TDA8214B Datasheet
160Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
TDA8215B STMICROELECTRONICS-TDA8215B Datasheet
145Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
September 1993
logo
Unisonic Technologies
PC1031 UTC-PC1031_V01 Datasheet
95Kb / 4P
   TV HORIZONTAL DEFLECTION HORIZONTAL DEFLECTION
logo
NXP Semiconductors
TDA4852 PHILIPS-TDA4852 Datasheet
175Kb / 16P
   Horizontal and vertical deflection controller for autosync monitors
December 1992
logo
NTE Electronics
NTE7134 NTE-NTE7134 Datasheet
89Kb / 17P
   Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com