Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V62C2162048LL-100T Datasheet(PDF) 8 Page - Mosel Vitelic, Corp

Part # V62C2162048LL-100T
Description  Ultra Low Power 128K x 16 CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V62C2162048LL-100T Datasheet(HTML) 8 Page - Mosel Vitelic, Corp

Back Button V62C2162048LL-100T Datasheet HTML 4Page - Mosel Vitelic, Corp V62C2162048LL-100T Datasheet HTML 5Page - Mosel Vitelic, Corp V62C2162048LL-100T Datasheet HTML 6Page - Mosel Vitelic, Corp V62C2162048LL-100T Datasheet HTML 7Page - Mosel Vitelic, Corp V62C2162048LL-100T Datasheet HTML 8Page - Mosel Vitelic, Corp V62C2162048LL-100T Datasheet HTML 9Page - Mosel Vitelic, Corp V62C2162048LL-100T Datasheet HTML 10Page - Mosel Vitelic, Corp V62C2162048LL-100T Datasheet HTML 11Page - Mosel Vitelic, Corp V62C2162048LL-100T Datasheet HTML 12Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Notes (Read Cycle)
1. WE are high for read cycle.
2. All read cycle timing is referenced from the last valid address to the first transition address.
3.
t
HZ and tOHZ are defined as the time at which the outputs achieve the open circuit condition referenced to VOH or VOL levels.
4. At any given temperature and voltage condition
t
HZ (max.) is less than tLZ (min.) both for a given device and from device to
device.
5. Transition is measured + 200mV from steady state voltage with load. This parameter is sampled and not 100% tested.
6. Device is continuously selected with CE = VIL.
7. Address valid prior to coincident with CE transition Low.
8. For common I/O applications, minimization or elimination of bus contention conditions is necessary during read and write
cycle.
9. For test conditions, see AC Test Condition, Figure A.
Timing Waveform of Read Cycle 1
(Address Controlled)
t
RC
t
AA
t
OH
Data Valid
Address
Data Out
Timing Waveform of Read Cycle 2
t
OHZ
t
RC
t
OLZ
t
ACE
t
LZ(4,5)
CE
Previous Data Valid
Address
t
OH
t
AA
t
OE
t
BA
t
BLZ(4,5)
t
BHZ(3,4,5)
t
HZ(3,4,5)
(BLE/BHE)
OE
Data Out
Data Valid
High-Z
V62C2162048L(L)
REV. 1.3 OCT 2001 V62C2162048L(L)


Similar Part No. - V62C2162048LL-100T

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C2161024L MOSEL-V62C2161024L Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C2161024L-100T MOSEL-V62C2161024L-100T Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C2161024L-55T MOSEL-V62C2161024L-55T Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C2161024L-70T MOSEL-V62C2161024L-70T Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C2161024L-85T MOSEL-V62C2161024L-85T Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
More results

Similar Description - V62C2162048LL-100T

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C1162048L MOSEL-V62C1162048L Datasheet
109Kb / 11P
   Ultra Low Power 128K x 16 CMOS SRAM
V62C3162048L MOSEL-V62C3162048L Datasheet
109Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
logo
Brilliance Semiconducto...
BS616UV2019 BSI-BS616UV2019_08 Datasheet
239Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019_06 Datasheet
172Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019 Datasheet
267Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616UV2011 BSI-BS616UV2011 Datasheet
237Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
logo
Mosel Vitelic, Corp
V62C2801024L MOSEL-V62C2801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C1801024L MOSEL-V62C1801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C3801024L MOSEL-V62C3801024L Datasheet
91Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
logo
Lyontek Inc.
LY62L12816 LYONTEK-LY62L12816 Datasheet
178Kb / 13P
   128K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com