Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZUR85WA Datasheet(PDF) 4 Page - SunLED Corporation

Part # ZUR85WA
Description  3x 2.4mm SMD CHIP LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZUR85WA Datasheet(HTML) 4 Page - SunLED Corporation

  ZUR85WA Datasheet HTML 1Page - SunLED Corporation ZUR85WA Datasheet HTML 2Page - SunLED Corporation ZUR85WA Datasheet HTML 3Page - SunLED Corporation ZUR85WA Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.SunLED.com
Part Number:
ZUR85WA
Published Date : FEB 25,2008
Drawing No : SDSA4455
V3
Checked : B.L.LIU
P.4/4
3x 2.4mm SMD CHIP LED LAMP
PACKING & LABEL SPECIFICATIONS
ZUR85WA
yali
n
數位簽署者:yalin
DN:cn=yalin, o, ou,
email=sjhou@cn.
kingbright.com, c=<無>
日期︰2008.02.26 09:01:48
+08'00'


Similar Part No. - ZUR85WA

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZUR88W SUNLED-ZUR88W Datasheet
191Kb / 4P
   3.2x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
More results

Similar Description - ZUR85WA

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZUY85WA SUNLED-ZUY85WA Datasheet
184Kb / 4P
   3x 2.4mm SMD CHIP LED LAMP
ZURMG85W SUNLED-ZURMG85W Datasheet
212Kb / 5P
   3x 2.4mm SMD CHIP LED LAMP
ZVG85WA SUNLED-ZVG85WA Datasheet
187Kb / 4P
   3x 2.4mm SMD CHIP LED LAMP
ZMDK85WA SUNLED-ZMDK85WA Datasheet
185Kb / 4P
   3x 2.4mm SMD CHIP LED LAMP
ZMG85WA SUNLED-ZMG85WA Datasheet
186Kb / 4P
   3x 2.4mm SMD CHIP LED LAMP
ZUYMG85W SUNLED-ZUYMG85W Datasheet
220Kb / 5P
   3x 2.4mm SMD CHIP LED LAMP
logo
Kingbright Corporation
AP1608SURCK KINGBRIGHT-AP1608SURCK Datasheet
145Kb / 5P
   SMD CHIP LED LAMP
WP443HDT KINGBRIGHT-WP443HDT Datasheet
106Kb / 4P
   2.4mm FLAT TOP LED LAMP
WP443GDT KINGBRIGHT-WP443GDT Datasheet
110Kb / 4P
   2.4mm FLAT TOP LED LAMP
WP443IDT KINGBRIGHT-WP443IDT Datasheet
107Kb / 4P
   2.4mm FLAT TOP LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com