Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2530S Datasheet(PDF) 11 Page - International Rectifier

Part # IRS2530S
Description  DIM8TM DIMMING BALLAST CONTROL IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2530S Datasheet(HTML) 11 Page - International Rectifier

Back Button IRS2530S Datasheet HTML 7Page - International Rectifier IRS2530S Datasheet HTML 8Page - International Rectifier IRS2530S Datasheet HTML 9Page - International Rectifier IRS2530S Datasheet HTML 10Page - International Rectifier IRS2530S Datasheet HTML 11Page - International Rectifier IRS2530S Datasheet HTML 12Page - International Rectifier IRS2530S Datasheet HTML 13Page - International Rectifier IRS2530S Datasheet HTML 14Page - International Rectifier IRS2530S Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
IRS2530D(S)
www.irf.com
© 2008 International Rectifier
11
State Diagram
VCC < 10.5V (VCCUV-)
UVLO Mode
Half-Bridge Off
IQCCUV ≅ 250μA
VCO = 0V
HO Off
LO Open Circuit
PH/IGN Mode
Half-Bridge Oscillating
Freq ramps from fMAX to fMIN
VCO Charging (1
μA)
non-ZVS Disabled
Crest Factor Disabled
VCC > 12.5V (VCCUV+)
and
LO < 8.5V (VLOSD-)
(Lamp Inserted)
Power Off
FAULT Mode
Fault Latch Set
Half-Bridge Off
IQCCUV ≅ 250μA
HO Off
LO Open Circuit
VCC < 10.5V (VCCUV-)
or
LO > 8.75V (VLOSD+)
(Lamp Removed)
Lamp Ignites
CF > 5.5 (lamp removal)
DIM Mode
Half-Bridge Oscillating @fDIM
Dimming Loop Enabled
non-ZVS Enabled
Crest Factor Enabled
VCC > 0V
ZVS
freq = freq + df
non-ZVS
ZVS OK
VCO > 4.0V
(VVCOFLT+)
(Lamp non-strike)


Similar Part No. - IRS2530S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2530D IRF-IRS2530D Datasheet
462Kb / 23P
   Dimming ballast control plus half-bridge driver
IRS2530D IRF-IRS2530D_15 Datasheet
462Kb / 23P
   Dimming ballast control plus half-bridge driver
More results

Similar Description - IRS2530S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21592 IRF-IR21592_15 Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592STRPBF IRF-IR21592STRPBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR2159 IRF-IR2159 Datasheet
261Kb / 25P
   DIMMING BALLAST CONTROL IC
IR21593PBF IRF-IR21593PBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592PBF IRF-IR21592PBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592 IRF-IR21592 Datasheet
259Kb / 25P
   DIMMING BALLAST CONTROL IC
IR2159S IRF-IR2159S Datasheet
267Kb / 25P
   DIMMING BALLAST CONTROL IC
logo
Samsung semiconductor
KA7540 SAMSUNG-KA7540 Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
logo
International Rectifier
IRPLDIM4E IRF-IRPLDIM4E Datasheet
653Kb / 17P
   Miniature Dimmable 26W Ballast Using IRS2530D DIM8TM Control IC
IRPLDIM1U IRF-IRPLDIM1U Datasheet
209Kb / 12P
   Dimming Ballast Control IC Design Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com