Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP4NB50 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP4NB50
Description  N-CHANNEL 500V - 2.5ohm - 3.8A - TO-220/TO-220FP PowerMesh??MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP4NB50 Datasheet(HTML) 3 Page - STMicroelectronics

  STP4NB50 Datasheet HTML 1Page - STMicroelectronics STP4NB50 Datasheet HTML 2Page - STMicroelectronics STP4NB50 Datasheet HTML 3Page - STMicroelectronics STP4NB50 Datasheet HTML 4Page - STMicroelectronics STP4NB50 Datasheet HTML 5Page - STMicroelectronics STP4NB50 Datasheet HTML 6Page - STMicroelectronics STP4NB50 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
STP4NB50 - STP4NB50FP
ELECTRICAL CHARACTERISTICS (CONTINUED)
SWITCHING ON
SWITCHING OFF
SOURCE DRAIN DIODE
Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
2. Pulse width limited by safe operating area.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on Delay Time
VDD = 250V, ID = 1.9 A
RG =4.7Ω VGS = 10V
(see test circuit, Figure 3)
11
ns
tr
Rise Time
8
ns
Qg
Total Gate Charge
VDD = 400V, ID = 3.8 A,
VGS = 10V
15
21
nC
Qgs
Gate-Source Charge
6.5
nC
Qgd
Gate-Drain Charge
5
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tr(Voff)
Off-voltage Rise Time
VDD = 400V, ID = 3.8 A,
RG = 4.7Ω, VGS =10V
(see test circuit, Figure 5)
8ns
tf
Fall Time
5
ns
tc
Cross-over Time
14
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain Current
3.8
A
ISDM (2)
Source-drain Current (pulsed)
15.2
A
VSD (1)
Forward On Voltage
ISD = 3.8 A, VGS =0
1.6
V
trr
Reverse Recovery Time
ISD = 3.8 A, di/dt = 100A/µs,
VDD = 100V, Tj = 150°C
(see test circuit, Figure 5)
245
ns
Qrr
Reverse Recovery Charge
980
nC
IRRM
Reverse Recovery Current
9
A


Similar Part No. - STP4NB50

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STP4NB50 VBSEMI-STP4NB50 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - STP4NB50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP4NB100 STMICROELECTRONICS-STP4NB100 Datasheet
109Kb / 9P
   N - CHANNEL 1000V - 4ohm - 3.8A - TO-220/TO-220FP PowerMESH MOSFET
IRF820 STMICROELECTRONICS-IRF820 Datasheet
92Kb / 8P
   N - CHANNEL 500V - 2.5ohm - 2.5 A - TO-220 PowerMESH] MOSFET
STP10NC50 STMICROELECTRONICS-STP10NC50 Datasheet
57Kb / 7P
   N - CHANNEL 500V - 0.48ohm - 10A - TO-220/TO-220FP PowerMESH MOSFET
STP10NB50 STMICROELECTRONICS-STP10NB50 Datasheet
105Kb / 9P
   N - CHANNEL 500V - 0.55ohm - 10.6A - TO-220/TO-220FP PowerMESH MOSFET
STP9NB50 STMICROELECTRONICS-STP9NB50 Datasheet
108Kb / 9P
   N-CHANNEL 500V - 0.75 ohm - 8.6 A TO-220/TO-220FP PowerMesh MOSFET
STP8NC50 STMICROELECTRONICS-STP8NC50 Datasheet
352Kb / 10P
   N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP/I2PAK PowerMesh?줚I MOSFET
STB4NB50 STMICROELECTRONICS-STB4NB50 Datasheet
64Kb / 6P
   N - CHANNEL 500V - 2.5ohm - 3.8A - D2PAK/I2PAK PowerMESHO MOSFET
STP4NB30FP STMICROELECTRONICS-STP4NB30FP Datasheet
331Kb / 9P
   N-CHANNEL 300V - 1.8ohm - 4A - TO-220/TO-220FP PowerMesh??MOSFET
STP3NB80 STMICROELECTRONICS-STP3NB80 Datasheet
106Kb / 9P
   N - CHANNEL 800V - 4.6ohm - 2.6A - TO-220/TO-220FP PowerMESH MOSFET
IRF830 STMICROELECTRONICS-IRF830 Datasheet
92Kb / 8P
   N - CHANNEL 500V - 1.35ohm - 4.5A - TO-220 PowerMESH] MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com