Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STN8810B3HPBE Datasheet(PDF) 10 Page - STMicroelectronics

Part # STN8810B3HPBE
Description  Mobile multimedia application processor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN8810B3HPBE Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STN8810B3HPBE Datasheet HTML 6Page - STMicroelectronics STN8810B3HPBE Datasheet HTML 7Page - STMicroelectronics STN8810B3HPBE Datasheet HTML 8Page - STMicroelectronics STN8810B3HPBE Datasheet HTML 9Page - STMicroelectronics STN8810B3HPBE Datasheet HTML 10Page - STMicroelectronics STN8810B3HPBE Datasheet HTML 11Page - STMicroelectronics STN8810B3HPBE Datasheet HTML 12Page - STMicroelectronics STN8810B3HPBE Datasheet HTML 13Page - STMicroelectronics STN8810B3HPBE Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
STn8810
Overview
9/15
1.20
Master display interface (MDIF)
This interface drives LCD display modules, that is, panels that include their own display
memory and perform LCD panel refresh themselves. The MDIF is a parallel bidirectional
interface that can send commands or data to or read data from the display panel logic. It has
a DMA engine to automatically fetch data/commands from main memory without CPU
intervention.
1.21
Pulse width light modulator (PWL)
The PWL provides control of LCD backlighting. It produces a series of pulses that are fed to
the backlighting, where the width (or duty cycle) of the pulses determines the perceived
lighting level. An 8-bit random sequence generator decreases the spectral power at the
modulator harmonic frequencies.
1.22
General purpose inputs/outputs (GPIOs)
The STn8810 provides 96 programmable inputs or outputs that have switchable pull-up and
pull-down resistors and are controllable in two modes:
Software mode through an APB bus interface
Hardware mode through a hardware control interface
The GPIO interface provides the following individually programmable functions:
Any number of pins may be configured as interrupt sources
Debouncing logic can be enabled for each GPIO to filter out glitches on I/Os
Any GPIO may be used to wake up the device from sleep mode independent of
interrupt programming, and the input level that triggers wake-up is definable for each
enabled GPIO.
1.23
MultiMediaCard/secure data card interface (MMC/SD)
This interface can directly control one SD card (without encryption/decryption logic), or one
MultiMediaCard. It also supports several of each card type using the GPIOs for card
selection.
1.24
USB On-The-Go interface
The STn8810 USB interface is USB 2.0 compliant, with On-The-Go standard extension (rev
1.0) compliance. The USB-OTG features:
Supports full-speed (12 Mbit/s) and low-speed (1.5 Mbit/s) signaling bit rate
Supports session request protocol (SRP) and host negotiation protocol (HNP)
7 bidirectional endpoints plus control endpoint 0
Digital interface to external PHY
Fully compatible with STw4810 power manager companion chip


Similar Part No. - STN8810B3HPBE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN8810BDS12HPBE STMICROELECTRONICS-STN8810BDS12HPBE Datasheet
274Kb / 17P
   STn8810 mobile multimedia application processor with 1-Gbit NAND-Flash and 512-Mbit DDR mobile RAM
More results

Similar Description - STN8810B3HPBE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN8815P14 STMICROELECTRONICS-STN8815P14 Datasheet
324Kb / 22P
   Mobile multimedia application processor
STN8811A12 STMICROELECTRONICS-STN8811A12 Datasheet
348Kb / 18P
   Mobile multimedia application processor
STN8815A12 STMICROELECTRONICS-STN8815A12 Datasheet
300Kb / 22P
   Mobile multimedia application processor
logo
Zoran Corporation
ZR34530 ZORAN-ZR34530_1 Datasheet
91Kb / 2P
   Mobile Multimedia Application Processor
logo
STMicroelectronics
STN8815A09 STMICROELECTRONICS-STN8815A09 Datasheet
324Kb / 22P
   Mobile multimedia application processor
STN8820 STMICROELECTRONICS-STN8820 Datasheet
239Kb / 4P
   Mobile multimedia application processor
STN8815 STMICROELECTRONICS-STN8815 Datasheet
189Kb / 8P
   Nomadik mobile multimedia application processor
logo
Broadcom Corporation.
BCM2702 BOARDCOM-BCM2702 Datasheet
99Kb / 2P
   HIGH-PERFORMANCE MOBILE MULTIMEDIA PROCESSOR
logo
Renesas Technology Corp
MC-10118B RENESAS-MC-10118B Datasheet
3Mb / 66P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
logo
Broadcom Corporation.
BCM2702 BOARDCOM-BCM2702_06 Datasheet
156Kb / 2P
   HIGH-PERFORMANCE MOBILE MULTIMEDIA PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com