Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFXP10E-3FN388C Datasheet(PDF) 2 Page - Lattice Semiconductor

Part # LFXP10E-3FN388C
Description  LatticeXP Family Data Sheet
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFXP10E-3FN388C Datasheet(HTML) 2 Page - Lattice Semiconductor

  LFXP10E-3FN388C Datasheet HTML 1Page - Lattice Semiconductor LFXP10E-3FN388C Datasheet HTML 2Page - Lattice Semiconductor LFXP10E-3FN388C Datasheet HTML 3Page - Lattice Semiconductor LFXP10E-3FN388C Datasheet HTML 4Page - Lattice Semiconductor LFXP10E-3FN388C Datasheet HTML 5Page - Lattice Semiconductor LFXP10E-3FN388C Datasheet HTML 6Page - Lattice Semiconductor LFXP10E-3FN388C Datasheet HTML 7Page - Lattice Semiconductor LFXP10E-3FN388C Datasheet HTML 8Page - Lattice Semiconductor LFXP10E-3FN388C Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 130 page
background image
July 2007
Data Sheet DS1001
© 2005 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand
or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
www.latticesemi.com
1-1
DS1001 Introduction_01.5a July 6, 2007 3:01 p.m.
Features
■ Non-volatile, Infinitely Reconfigurable
• Instant-on – powers up in microseconds
• No external configuration memory
• Excellent design security, no bit stream to
intercept
• Reconfigure SRAM based logic in milliseconds
• SRAM and non-volatile memory programmable
through system configuration and JTAG ports
■ Sleep Mode
• Allows up to 1000x static current reduction
■ TransFR™ Reconfiguration (TFR)
• In-field logic update while system operates
■ Extensive Density and Package Options
• 3.1K to 19.7K LUT4s
• 62 to 340 I/Os
• Density migration supported
■ Embedded and Distributed Memory
• 54 Kbits to 396 Kbits sysMEM™ Embedded
Block RAM
• Up to 79 Kbits distributed RAM
• Flexible memory resources:
− Distributed and block memory
■ Flexible I/O Buffer
• Programmable sysIO™ buffer supports wide
range of interfaces:
− LVCMOS 3.3/2.5/1.8/1.5/1.2
− LVTTL
– SSTL 18 Class I
− SSTL 3/2 Class I, II
– HSTL15 Class I, III
− HSTL 18 Class I, II, III
− PCI
− LVDS, Bus-LVDS, LVPECL, RSDS
■ Dedicated DDR Memory Support
• Implements interface up to DDR333 (166MHz)
■ sysCLOCK™ PLLs
• Up to 4 analog PLLs per device
• Clock multiply, divide and phase shifting
■ System Level Support
• IEEE Standard 1149.1 Boundary Scan, plus
ispTRACY™ internal logic analyzer capability
• Onboard oscillator for configuration
• Devices operate with 3.3V, 2.5V, 1.8V or 1.2V
power supply
Table 1-1. LatticeXP Family Selection Guide
Device
LFXP3
LFXP6
LFXP10
LFXP15
LFXP20
PFU/PFF Rows
16
24
32
40
44
PFU/PFF Columns
24
30
38
48
56
PFU/PFF (Total)
384
720
1216
1932
2464
LUTs (K)
3
6
10
15
20
Distributed RAM (KBits)
12
23
39
61
79
EBR SRAM (KBits)
54
72
216
324
396
EBR SRAM Blocks
6
8
24
36
44
VCC Voltage
1.2/1.8/2.5/3.3V
1.2/1.8/2.5/3.3V
1.2/1.8/2.5/3.3V
1.2/1.8/2.5/3.3V
1.2/1.8/2.5/3.3V
PLLs
22444
Max. I/O
136
188
244
300
340
Packages and I/O Combinations:
100-pin TQFP (14 x 14 mm)
62
144-pin TQFP (20 x 20 mm)
100
100
208-pin PQFP (28 x 28 mm)
136
142
256-ball fpBGA (17 x 17 mm)
188
188
188
188
388-ball fpBGA (23 x 23 mm)
244
268
268
484-ball fpBGA (23 x 23 mm)
300
340
LatticeXP Family Data Sheet
Introduction


Similar Part No. - LFXP10E-3FN388C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LFXP2-17E-5F484C LATTICE-LFXP2-17E-5F484C Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
LFXP2-17E-5F484I LATTICE-LFXP2-17E-5F484I Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
LFXP2-17E-5FN484C LATTICE-LFXP2-17E-5FN484C Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
LFXP2-17E-5FN484I LATTICE-LFXP2-17E-5FN484I Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
LFXP2-17E-5FT256C LATTICE-LFXP2-17E-5FT256C Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
More results

Similar Description - LFXP10E-3FN388C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
   MachXO Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Lattice Semiconductor
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
   LatticeXP2 Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
logo
Microchip Technology
PIC18F66K22-I MICROCHIP-PIC18F66K22-I Datasheet
4Mb / 550P
   PIC18F87K22 Family Data Sheet
05/02/11
logo
Freescale Semiconductor...
K10P144M100SF2 FREESCALE-K10P144M100SF2 Datasheet
989Kb / 66P
   K10 Sub-Family Data Sheet
K10P81M100SF2 FREESCALE-K10P81M100SF2 Datasheet
865Kb / 60P
   K10 Sub-Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com