Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STLS2F01 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STLS2F01
Description  Loongson 2F: High performance 64-bit superscalar MIPS짰 microprocessor
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2F01 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STLS2F01 Datasheet HTML 6Page - STMicroelectronics STLS2F01 Datasheet HTML 7Page - STMicroelectronics STLS2F01 Datasheet HTML 8Page - STMicroelectronics STLS2F01 Datasheet HTML 9Page - STMicroelectronics STLS2F01 Datasheet HTML 10Page - STMicroelectronics STLS2F01 Datasheet HTML 11Page - STMicroelectronics STLS2F01 Datasheet HTML 12Page - STMicroelectronics STLS2F01 Datasheet HTML 13Page - STMicroelectronics STLS2F01 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
Interface description
STLS2F01
10/48
2.3
DDR2 SDRAM interface signal components
The STLS2F01 includes a built-in memory controller fully compatible with DDR2 SDRAM
industry standard (JESD79-2B). These signals include:
72-bit bidirectional data bus (ECC included)
9-bit bidirectional data strobe differential signal (ECC included)
9-bit data mask signal (ECC included)
15-bit address bus
7-bit bank and chip select signal
6-bit differential clock
4-bit clock enable
3-bit command bus
4-bit delay sample input/output signal
4-bit ODT (on die termination) signal
The STLS2F01 DDR2 SDRAM controller signals are listed in Table 3.
Table 3.
DDR2 SDRAM controller interface signals
Name
Input/output
Description
DDR2_DQ[63:0]
IO
DDR2 SDRAM data bus
DDR2_CB[7:0]
IO
DDR2 SDRAM data ECC data bus
DDR2_DQSp[8:0]
IO
DDR2 SDRAM data strobe (ECC included)
DDR2_DQSn[8:0]
IO
DDR2 SDRAM data strobe (ECC included)
DDR2_DQM[8:0]
O
DDR2 SDRAM data mask (ECC included)
DDR2_A[14:0]
O
DDR2 SDRAM address bus
DDR2_BA[2:0]
O
DDR2 SDRAM bank address signal
DDR2_WEn
O
DDR2 SDRAM write enable
DDR2_CASn
O
DDR2 SDRAM column select enable
DDR2_RASn
O
DDR2 SDRAM row select enable
DDR2_SCSn[3:0]
O
DDR2 SDRAM chip select
DDR2_CKE[3:0]
O
DDR2 SDRAM clock enable
DDR2_CKp[5:0]
O
DDR2 SDRAM phase clock output
DDR2_CKn[5:0]
O
DDR2 SDRAM phase inversion clock output
DDR2_GATEI[3:0]
I
DDR2 SDRAM delay sample input signal
DDR2_GATEO[3:0]
O
DDR2 SDRAM delay sample output signal
DDR2_ODT[3:0]
O
DDR2 SDRAM on-die termination signal


Similar Part No. - STLS2F01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLS2F02 STMICROELECTRONICS-STLS2F02 Datasheet
725Kb / 49P
   Loongson 2F high performance 64-bit superscalar MIPS짰 microprocessor
More results

Similar Description - STLS2F01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLS2F02 STMICROELECTRONICS-STLS2F02 Datasheet
725Kb / 49P
   Loongson 2F high performance 64-bit superscalar MIPS짰 microprocessor
STLS2E02 STMICROELECTRONICS-STLS2E02 Datasheet
113Kb / 5P
   Loongson 2E: 700MHz 64-bit superscalar MIPS짰 based microprocessor
logo
Intel Corporation
A80960CF33 INTEL-A80960CF33 Datasheet
1Mb / 70P
   80960CF-40, -33, -25 32-Bit High-Performance Superscalar Embedded Microprocessor
80960CF-40 INTEL-80960CF-40 Datasheet
1Mb / 77P
   80960CF-40, -33, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR EMBEDDED MICROPROCESSOR
80960HA INTEL-80960HA Datasheet
828Kb / 102P
   80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
logo
NEC
UPD30181A NEC-UPD30181A Datasheet
573Kb / 72P
   64-/32-BIT MICROPROCESSOR
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700_08 Datasheet
785Kb / 25P
   64-Bit RISC Microprocessor
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
   64-/32-Bit Microprocessor
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700 Datasheet
328Kb / 25P
   64-Bit RISC Microprocessor
logo
NEC
UPD30102 NEC-UPD30102 Datasheet
2Mb / 701P
   64/32-bit Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com