Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP4NB100 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP4NB100
Description  N - CHANNEL 1000V - 4ohm - 3.8A - TO-220/TO-220FP PowerMESH MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP4NB100 Datasheet(HTML) 4 Page - STMicroelectronics

  STP4NB100 Datasheet HTML 1Page - STMicroelectronics STP4NB100 Datasheet HTML 2Page - STMicroelectronics STP4NB100 Datasheet HTML 3Page - STMicroelectronics STP4NB100 Datasheet HTML 4Page - STMicroelectronics STP4NB100 Datasheet HTML 5Page - STMicroelectronics STP4NB100 Datasheet HTML 6Page - STMicroelectronics STP4NB100 Datasheet HTML 7Page - STMicroelectronics STP4NB100 Datasheet HTML 8Page - STMicroelectronics STP4NB100 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Thermal Impedance for TO-220
Output Characteristics
Transconductance
Thermal Impedance forTO-220FP
Transfer Characteristics
Static Drain-source On Resistance
STP4NB100/STP4NB100FP
4/9


Similar Part No. - STP4NB100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP4NB30 STMICROELECTRONICS-STP4NB30 Datasheet
331Kb / 9P
   N-CHANNEL 300V - 1.8ohm - 4A - TO-220/TO-220FP PowerMesh??MOSFET
STP4NB30FP STMICROELECTRONICS-STP4NB30FP Datasheet
331Kb / 9P
   N-CHANNEL 300V - 1.8ohm - 4A - TO-220/TO-220FP PowerMesh??MOSFET
STP4NB50 STMICROELECTRONICS-STP4NB50 Datasheet
163Kb / 7P
   N-CHANNEL 500V - 2.5ohm - 3.8A - TO-220/TO-220FP PowerMesh??MOSFET
logo
VBsemi Electronics Co.,...
STP4NB50 VBSEMI-STP4NB50 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
STMicroelectronics
STP4NB50FP STMICROELECTRONICS-STP4NB50FP Datasheet
163Kb / 7P
   N-CHANNEL 500V - 2.5ohm - 3.8A - TO-220/TO-220FP PowerMesh??MOSFET
More results

Similar Description - STP4NB100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP4NB50 STMICROELECTRONICS-STP4NB50 Datasheet
163Kb / 7P
   N-CHANNEL 500V - 2.5ohm - 3.8A - TO-220/TO-220FP PowerMesh??MOSFET
STP2HNC60 STMICROELECTRONICS-STP2HNC60 Datasheet
328Kb / 9P
   N-CHANNEL 600V - 4ohm - 2.2A TO-220/TO-220FP PowerMesh?줚I MOSFET
STP5NB100 STMICROELECTRONICS-STP5NB100 Datasheet
106Kb / 9P
   N - CHANNEL 1000V - 2.4ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
STW5NB100 STMICROELECTRONICS-STW5NB100 Datasheet
54Kb / 5P
   N - CHANNEL 1000V - 4ohm - 4.3A - TO-247 PowerMESH MOSFET
STP3NB100 STMICROELECTRONICS-STP3NB100 Datasheet
44Kb / 6P
   N - CHANNEL 1000V - 5.3 ohm - 3 A - TO-220/TO-220FP PowerMESH MOSFET
STP4NB30FP STMICROELECTRONICS-STP4NB30FP Datasheet
331Kb / 9P
   N-CHANNEL 300V - 1.8ohm - 4A - TO-220/TO-220FP PowerMesh??MOSFET
STP3NB80 STMICROELECTRONICS-STP3NB80 Datasheet
106Kb / 9P
   N - CHANNEL 800V - 4.6ohm - 2.6A - TO-220/TO-220FP PowerMESH MOSFET
STP5NB80 STMICROELECTRONICS-STP5NB80 Datasheet
107Kb / 9P
   N - CHANNEL 800V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
STP7NB80 STMICROELECTRONICS-STP7NB80 Datasheet
106Kb / 9P
   N - CHANNEL 800V - 1.2ohm - 6.5A - TO-220/TO-220FP PowerMESH MOSFET
STP4NB80 STMICROELECTRONICS-STP4NB80 Datasheet
354Kb / 9P
   N - CHANNEL 800V - 3ohm - 4A - TO-220/TO-220FP PowerMESH MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com