Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V62C3802048L Datasheet(PDF) 5 Page - Mosel Vitelic, Corp

Part # V62C3802048L
Description  Ultra Low Power 256K x 8 CMOS SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V62C3802048L Datasheet(HTML) 5 Page - Mosel Vitelic, Corp

  V62C3802048L Datasheet HTML 1Page - Mosel Vitelic, Corp V62C3802048L Datasheet HTML 2Page - Mosel Vitelic, Corp V62C3802048L Datasheet HTML 3Page - Mosel Vitelic, Corp V62C3802048L Datasheet HTML 4Page - Mosel Vitelic, Corp V62C3802048L Datasheet HTML 5Page - Mosel Vitelic, Corp V62C3802048L Datasheet HTML 6Page - Mosel Vitelic, Corp V62C3802048L Datasheet HTML 7Page - Mosel Vitelic, Corp V62C3802048L Datasheet HTML 8Page - Mosel Vitelic, Corp V62C3802048L Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DC Operating Characteristics (Vcc = 2.7 to 3.3V, Gnd = 0V, TA = 0
0C to +700C / -400C to 850C)
-35
-45
Input Leakage Current
IILII Vcc = Max,
Vin = Gnd to Vcc
-
1
-
1
µA
Output Leakage
Current
II
LOI
CE1 = VIH or CE2 = VIL
Vcc= Max, VOUT = Gnd to Vcc
-
1
-
1
µA
Operating Power
Supply Current
ICC
CE1 = VIL , CE2 = VIH
VIN=VIHorVIL,IOUT=0mA
-
3
-
3
mA
Average Operating
Current
ICC1 CE1 = VIL , CE2 = VIH
IOUT = 0mA,
Min Cycle, 100% Duty
-
40
-
40
mA
ICC2 CE1 = 0.2V ,
CE2 =Vcc - 0.2V
IOUT = 0mA,
Cycle Time=1
µs, 100% Duty
-
3
-
3
mA
Standby Power Supply
Current (TTL Level)
ISB
CE1 = VIH or CE2 = VIL
-
0.5
-
0.5
mA
Standby Power Supply
Current (CMOS Level)
ISB1 CE1 > Vcc - 0.2V or
CE2 < 0.2V, f = 0
VIN < 0.2V or
VIN > Vcc- 0.2V
L
-
-
10
2
-
-
10
2
µA
µA
Output Low Voltage
VOL IOL = 2 mA
-
0.4
-
0.4
V
Output High Voltage
VOH IOH = -2 mA
2.4
-
2.4
-
V
Unit
Parameter
Sym
Test Conditions
5
Min Max Min Max
V62C3802048L(L)
REV. 1.2 May 2001 V62C3802048L(L)


Similar Part No. - V62C3802048L

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C3801024L MOSEL-V62C3801024L Datasheet
91Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C3801024L-100T MOSEL-V62C3801024L-100T Datasheet
91Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C3801024L-100V MOSEL-V62C3801024L-100V Datasheet
91Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C3801024L-55T MOSEL-V62C3801024L-55T Datasheet
91Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C3801024L-55V MOSEL-V62C3801024L-55V Datasheet
91Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
More results

Similar Description - V62C3802048L

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C2802048L MOSEL-V62C2802048L Datasheet
94Kb / 10P
   Ultra Low Power 256K x 8 CMOS SRAM
V62C1802048L MOSEL-V62C1802048L Datasheet
84Kb / 9P
   Ultra Low Power 256K x 8 CMOS SRAM
logo
Brilliance Semiconducto...
BS62UV2001 BSI-BS62UV2001 Datasheet
282Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62UV2006 BSI-BS62UV2006 Datasheet
320Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 256K X 8 bit
logo
Lyontek Inc.
LY622568_1008 LYONTEK-LY622568_1008 Datasheet
293Kb / 14P
   256K X 8 BIT LOW POWER CMOS SRAM
LY622568 LYONTEK-LY622568_16 Datasheet
825Kb / 17P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62L2568 LYONTEK-LY62L2568_17 Datasheet
1Mb / 20P
   256K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UC62LS2008 ETC1-UC62LS2008 Datasheet
540Kb / 11P
   Low Power CMOS SRAM 256K X 8 Bits
logo
Lyontek Inc.
LY62L2568_1008 LYONTEK-LY62L2568_1008 Datasheet
342Kb / 16P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62W2568 LYONTEK-LY62W2568_11 Datasheet
483Kb / 16P
   256K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com