Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V62C2801024LL-150T Datasheet(PDF) 1 Page - Mosel Vitelic, Corp

Part # V62C2801024LL-150T
Description  Ultra Low Power 128K x 8 CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V62C2801024LL-150T Datasheet(HTML) 1 Page - Mosel Vitelic, Corp

  V62C2801024LL-150T Datasheet HTML 1Page - Mosel Vitelic, Corp V62C2801024LL-150T Datasheet HTML 2Page - Mosel Vitelic, Corp V62C2801024LL-150T Datasheet HTML 3Page - Mosel Vitelic, Corp V62C2801024LL-150T Datasheet HTML 4Page - Mosel Vitelic, Corp V62C2801024LL-150T Datasheet HTML 5Page - Mosel Vitelic, Corp V62C2801024LL-150T Datasheet HTML 6Page - Mosel Vitelic, Corp V62C2801024LL-150T Datasheet HTML 7Page - Mosel Vitelic, Corp V62C2801024LL-150T Datasheet HTML 8Page - Mosel Vitelic, Corp V62C2801024LL-150T Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
2
3
4
5
6
7
8
9
16
15
14
13
12
11
10
A8
A9
A11
A13
WE
CE2
A15
Vcc
NC
A16
A14
A12
A7
A6
A5
A4
32
31
30
29
28
27
26
25
24
17
18
19
20
21
22
23
CE1
A10
OE
I/O8
I/O7
I/O6
I/O5
I/O4
GND
I/O3
I/O2
I/O1
A0
A1
A2
A3
1024
X
1024
INPUT BUFFER
COLUMN DECODER
CONTROL
CIRCUIT
I/O7
I/O0
OE
WE
CE1
CE2
A9
A10
A11
A12
A13
A14
A15
A16
A8
A7
A6
A5
A4
A3
A2
A1
A0
V62C2801024L(L)
Ultra Low Power
128K x 8 CMOS SRAM
Features
• Ultra Low-power consumption
- Active: 25mA at 70ns
- Stand-by: 5
µA (CMOS input/output)
1
µA CMOS input/output, L version
• Single +2.2V to 2.7V Power Supply
• Equal access and cycle time
• 70/85/100/150 ns access time
• Easy memory expansion with CE1, CE2
and OE inputs
• 1.0V data retention mode
• TTL compatible, Tri-state input/output
• Automatic power-down when deselected
Functional Description
TheV62C2801024L is a low power CMOS Static RAM org-
anized as 131,072 words by 8 bits. Easy memory expansion is
provided by an active LOW CE1 , an active HIGH CE2, an
active LOW OE, and Tri-state I/O’s. This device has an a-
utomatic power-down mode feature when deselected.
Writing to the device is accomplished by taking Chip E-
nable 1 (CE1 ) with Write Enable (WE) LOW, and Chip En-
able 2 (CE2) HIGH. Reading from the device is performed
by taking Chip Enable 1 (CE1) with Output Enable
(OE) LOW while Write Enable (WE) and Chip Enable 2
(CE2) is HIGH. The I/O pins are placed in a high-imped-
ance state when the device is deselected: the outputs are d-
isabled during a write cycle.
TheV62C2801024LL comes with a 1V data retention feature
and Lower Standby Power. The V62C2801024L is available in
a 32pin 8 x 20 mm TSOP1 / STSOP / 48-fpBGA packages.
32-Pin TSOP1 / STSOP / 48-fpBGA (See nest page)
Logic Block Diagram
1024
X
1024
INPUT BUFFER
COLUMN DECODER
CONTROL
CIRCUIT
I/O8
I/O1
OE
WE
CE1
CE2
A10
A11
A12
A13
A14
A15
A16
A8
A7
A6
A5
A4
A3
A2
A1
A0
A9
REV. 1.1 April 2001 V62C2801024L(L)
1


Similar Part No. - V62C2801024LL-150T

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C2802048L MOSEL-V62C2802048L Datasheet
94Kb / 10P
   Ultra Low Power 256K x 8 CMOS SRAM
V62C2802048L-100T MOSEL-V62C2802048L-100T Datasheet
94Kb / 10P
   Ultra Low Power 256K x 8 CMOS SRAM
V62C2802048L-55T MOSEL-V62C2802048L-55T Datasheet
94Kb / 10P
   Ultra Low Power 256K x 8 CMOS SRAM
V62C2802048L-70T MOSEL-V62C2802048L-70T Datasheet
94Kb / 10P
   Ultra Low Power 256K x 8 CMOS SRAM
V62C2802048L-85T MOSEL-V62C2802048L-85T Datasheet
94Kb / 10P
   Ultra Low Power 256K x 8 CMOS SRAM
More results

Similar Description - V62C2801024LL-150T

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C1801024L MOSEL-V62C1801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C3801024L MOSEL-V62C3801024L Datasheet
91Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
logo
Integrated Circuit Solu...
IC62C1024AL ICSI-IC62C1024AL Datasheet
142Kb / 9P
   128K x 8 Low Power CMOS SRAM
logo
Brilliance Semiconducto...
BS62UV1024 BSI-BS62UV1024 Datasheet
390Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62UV1027 BSI-BS62UV1027 Datasheet
434Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
logo
Mosel Vitelic, Corp
V62C1162048L MOSEL-V62C1162048L Datasheet
109Kb / 11P
   Ultra Low Power 128K x 16 CMOS SRAM
V62C2162048L MOSEL-V62C2162048L Datasheet
117Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
V62C3162048L MOSEL-V62C3162048L Datasheet
109Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
logo
Lyontek Inc.
LY62L1024_1012 LYONTEK-LY62L1024_1012 Datasheet
345Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY621024_1008 LYONTEK-LY621024_1008 Datasheet
346Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com