Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QST1508KB1 Datasheet(PDF) 11 Page - STMicroelectronics

Part # QST1508KB1
Description  Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST1508KB1 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button QST1508KB1 Datasheet HTML 7Page - STMicroelectronics QST1508KB1 Datasheet HTML 8Page - STMicroelectronics QST1508KB1 Datasheet HTML 9Page - STMicroelectronics QST1508KB1 Datasheet HTML 10Page - STMicroelectronics QST1508KB1 Datasheet HTML 11Page - STMicroelectronics QST1508KB1 Datasheet HTML 12Page - STMicroelectronics QST1508KB1 Datasheet HTML 13Page - STMicroelectronics QST1508KB1 Datasheet HTML 14Page - STMicroelectronics QST1508KB1 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
QST108
QST touch sensing technology
11/51
3.9
Max On-Duration
The device can time out and automatically recalibrate each key independently after a fixed
duration of continuous touch detection. This prevents the keys from becoming ‘stuck on’ due
to foreign objects or other sudden influences. This is known as the Max On-Duration feature.
After recalibration, the key will continue to operate normally, even if partially or fully
obstructed. Max On-Duration works independently per channel: a timeout on one channel
has no effect on another channel.
Infinite timeout is useful in applications where a prolonged detection can occur and where
the output must reflect the detection no matter how long. In infinite timeout mode, the
designer should take care to ensure that drift in CS, CX, and VDD do not cause the device to
remain “stuck on” inadvertently even when the touching object is removed from the sense
field. Timeout durations are not accurate and can vary substantially depending on VDD and
temperature values, and should not be relied upon for critical functions.
3.10
Drift compensation
Signal drift can occur because of changes in CX, CS, and VDD over time. Depending on the
CS type and quality, the signal may vary substantially with temperature and veiling. If keys
are subject to extremes of temperature or humidity, the signal can also drift. It is crucial that
drift be compensated, otherwise false detections, non detections, and sensitivity shifts will
follow.
Drift compensation slowly corrects the reference level of each key while no detection is in
effect. The rate of reference adjustment must be performed slowly or else legitimate
detections can also be ignored. The device compensates drift on each channel
independently using a maximum compensation rate to the reference level.
Once a touch is sensed, the drift compensation mechanism ceases since the signal is
legitimately high, and therefore should not cause the reference level to change.
The signal drift compensation is “asymmetric”: the reference level compensates drift in one
direction faster than it does in the other. Specifically, it compensates faster for increasing
signals than for decreasing signals. Decreasing signals should not be compensated for
quickly, since an approaching finger could be compensated for partially or entirely while
approaching the sense electrode. However, an obstruction over the sense pad, for which the
sensor has already made full allowance, could suddenly be removed leaving the sensor with
an artificially elevated reference level and thus become insensitive to touch. In this latter
case, the sensor will compensate for the object's removal very quickly, usually in only a few
seconds.
Caution:
When only one key is enabled or if keys are very close together, the common drift
compensation must be disabled or its rate must be reduced to ensure correct device
operation.


Similar Part No. - QST1508KB1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
QST104 STMICROELECTRONICS-QST104 Datasheet
454Kb / 45P
   Capacitive touch sensor device 4 keys with individual key state outputs or I2C interface
QST108 STMICROELECTRONICS-QST108 Datasheet
633Kb / 38P
   Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
More results

Similar Description - QST1508KB1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
QST108 STMICROELECTRONICS-QST108 Datasheet
633Kb / 38P
   Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
QST104 STMICROELECTRONICS-QST104 Datasheet
454Kb / 45P
   Capacitive touch sensor device 4 keys with individual key state outputs or I2C interface
logo
Avia Semiconductor Co.,...
HX612 AVIA-HX612 Datasheet
55Kb / 1P
   Capacitive Touch Key Controller (over 25 keys)
logo
Generalplus Technology ...
GPM8F377A GENERALPLUS-GPM8F377A Datasheet
376Kb / 16P
   Capacitive Touch M-KEY Sensor
logo
STMicroelectronics
STMPE821 STMICROELECTRONICS-STMPE821_09 Datasheet
661Kb / 55P
   8-channel capacitive touch key controller
logo
Tontek Design Technolog...
TTP229-AQG TONTEK-TTP229-AQG Datasheet
354Kb / 18P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229-LSF TONTEK-TTP229-LSF Datasheet
337Kb / 18P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229-BSF TONTEK-TTP229-BSF Datasheet
331Kb / 16P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229-KSF TONTEK-TTP229-KSF Datasheet
336Kb / 18P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
logo
Microchip Technology
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
   8-Channel Capacitive Touch Sensor
10/28/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com